Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-70TI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C040-70TI
Description  4-Megabit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-70TI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C040-70TI Datasheet HTML 1Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 2Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 3Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 4Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 5Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 6Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 7Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 8Page - ATMEL Corporation AT27C040-70TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Fast Read Access Time – 70 ns
Low Power CMOS Operation
– 100 µA Max Standby
– 30 mA Max Active at 5 MHz
JEDEC Standard Packages
– 32-lead PDIP
– 32-lead PLCC
– 32-lead TSOP
5V
± 10% Supply
High Reliability CMOS Technology
– 2000V ESD Protection
– 200 mA Latchup Immunity
Rapid Programming Algorithm – 100 µs/Byte (Typical)
CMOS and TTL Compatible Inputs and Outputs
Industrial Temperature Range
Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time pro-
grammable read-only memory (OTP EPROM) organized as 512K by 8 bits. The
AT27C040 requires only one 5V power supply in normal read mode operation. Any
byte can be accessed in less than 70 ns, eliminating the need for speed reducing
WAIT states on high-performance microprocessor systems.
Atmel’s scaled CMOS technology provides low active power consumption, and fast
programming. Power consumption is typically 8 mA in active mode and less than
10
µA in standby mode.
The AT27C040 is available in a choice of industry-standard JEDEC-approved one-
time programmable (OTP) plastic PDIP, PLCC and TSOP packages. The device fea-
tures two-line control (CE, OE) to eliminate bus contention in high-speed systems.
Atmel’s AT27C040 has additional features to ensure high quality and efficient produc-
tion use. The Rapid Programming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming time is typically only
100
µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry-standard programming
equipment to select the proper programming algorithms and voltages.
4-Megabit
(512K x 8)
OTP EPROM
AT27C040
0189H–EPROM–12/07


Similar Part No. - AT27C040-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-70TI ATMEL-AT27C040-70TI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-70TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
   4 Megabit, ROM Compatible CMOS EPROM
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com