Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64B-15JI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C64B-15JI
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B-15JI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C64B-15JI Datasheet HTML 5Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 6Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 7Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 8Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 9Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 10Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 11Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 12Page - ATMEL Corporation AT28C64B-15JI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
0270K–PEEPR–10/06
AT28C64B
17. Page Mode Write Waveforms(1)(2)
Notes:
1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE).
2. OE must be high only when WE and CE are both low.
18. Chip Erase Waveforms
tS = tH = 1 µs (min.)
t
W = 10 ms (min.)
V
H = 12.0V ±0.5V
16. Page Mode Characteristics
Symbol
Parameter
Min
Max
Units
t
WC
Write Cycle Time
10
ms
t
WC
Write Cycle Time (option available – Ref. AT28HC64BF datasheet)
2
ms
tAS
Address Setup Time
0
ns
t
AH
Address Hold Time
50
ns
t
DS
Data Setup Time
50
ns
tDH
Data Hold Time
0
ns
t
WP
Write Pulse Width
100
ns
t
BLC
Byte Load Cycle Time
150
µs
tWPH
Write Pulse Width High
50
ns
OE
WE
CE
A0 -A12
DATA
tAS
VALID ADD
VALID DATA
tAH
tDS
tWP
tWPH
tDH
tBLC
tWC
tS
tW
tH


Similar Part No. - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B-15JI ATMEL-AT28C64B-15JI Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B-15JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com