Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-90PI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C040-90PI
Description  4-Megabit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-90PI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27C040-90PI Datasheet HTML 3Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 4Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 5Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 6Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 7Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 8Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 9Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 10Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
0189H–EPROM–12/07
AT27C040
14. Programming Waveforms(1)
Notes:
1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH.
2. t
OE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27C040 a 0.1 µF capacitor is required across VPP and ground to suppress spurious voltage
transients.


Similar Part No. - AT27C040-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-90PI ATMEL-AT27C040-90PI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-90PI ATMEL-AT27C040-90PI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
   4 Megabit, ROM Compatible CMOS EPROM
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com