Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-90PI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT27C040-90PI
Description  4-Megabit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-90PI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT27C040-90PI Datasheet HTML 6Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 7Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 8Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 9Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 10Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 11Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 12Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 13Page - ATMEL Corporation AT27C040-90PI Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
0189H–EPROM–12/07
AT27C040
20. Package Information
20.1
32J – PLCC
DRAWING NO.
REV.
2325 Orchard Parkway
San Jose, CA 95131
R
TITLE
32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC)
B
32J
10/04/01
1.14(0.045) X 45˚
PIN NO. 1
IDENTIFIER
1.14(0.045) X 45˚
0.51(0.020)MAX
0.318(0.0125)
0.191(0.0075)
A2
45˚ MAX (3X)
A
A1
B1
E2
B
e
E1
E
D1
D
D2
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-016, Variation AE.
2. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is .010"(0.254 mm) per side. Dimension D1
and E1 include mold mismatch and are measured at the extreme
material condition at the upper or lower parting line.
3. Lead coplanarity is 0.004" (0.102 mm) maximum.
A
3.175
3.556
A1
1.524
2.413
A2
0.381
D
12.319
12.573
D1
11.354
11.506
Note 2
D2
9.906
10.922
E
14.859
15.113
E1
13.894
14.046
Note 2
E2
12.471
13.487
B
0.660
0.813
B1
0.330
0.533
e
1.270 TYP


Similar Part No. - AT27C040-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-90PI ATMEL-AT27C040-90PI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-90PI ATMEL-AT27C040-90PI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
   4 Megabit, ROM Compatible CMOS EPROM
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com