Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64B-15SI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT28C64B-15SI
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64B-15SI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT28C64B-15SI Datasheet HTML 6Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 7Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 8Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 9Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 10Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 11Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 12Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 13Page - ATMEL Corporation AT28C64B-15SI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
0270K–PEEPR–10/06
AT28C64B
19. Software Data Protection Enable
Algorithm
(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A12 - A0 (Hex).
2. Write Protect state will be activated at end of write
even if no other data is loaded.
3. Write Protect state will be deactivated at end of write
period even if no other data is loaded.
4. 1 to 64 bytes of data are loaded.
LOAD DATA AA
TO
ADDRESS 1555
LOAD DATA 55
TO
ADDRESS 0AAA
LOAD DATA A0
TO
ADDRESS 1555
LOAD DATA XX
TO
ANY ADDRESS(4)
LOAD LAST BYTE
TO
LAST ADDRESS
ENTER DATA
PROTECT STATE
WRITES ENABLED(2)
20. Software Data Protection Disable
Algorithm
(1)
Notes:
1. Data Format: I/O7 - I/O0 (Hex);
Address Format: A12 - A0 (Hex).
2. Write Protect state will be activated at end of write
even if no other data is loaded.
3. Write Protect state will be deactivated at end of write
period even if no other data is loaded.
4. 1 to 64 bytes of data are loaded.
LOAD DATA AA
TO
ADDRESS 1555
LOAD DATA 55
TO
ADDRESS 0AAA
LOAD DATA 80
TO
ADDRESS 1555
LOAD DATA AA
TO
ADDRESS 1555
LOAD DATA 20
TO
ADDRESS 1555
LOAD DATA XX
TO
ANY ADDRESS(4)
LOAD LAST BYTE
TO
LAST ADDRESS
LOAD DATA 55
TO
ADDRESS 0AAA
EXIT DATA
PROTECT STATE(3)
21. Software Protected Write Cycle Waveforms
(1)(2)
Notes:
1. A6 through A12 must specify the same page address during each high to low transition of WE (or CE) after the software
code has been entered.
2. OE must be high only when WE and CE are both low.
OE
WE
CE
A6 - A12
DATA
A0 -A5
tAS
tAH
tDS
tDH
tWP
tWPH
tBLC
tWC


Similar Part No. - AT28C64B-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B-15SI ATMEL-AT28C64B-15SI Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B-15SI ATMEL-AT28C64B-15SI Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64B-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_08 Datasheet
341Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
   64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_09 Datasheet
451Kb / 16P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28HC64B ATMEL-AT28HC64B_09 Datasheet
394Kb / 17P
   64K (8K x 8) High-speed Parallel EEPROM with Page Write and Software Data Protection
AT28HC64BF ATMEL-AT28HC64BF Datasheet
301Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B_06 Datasheet
367Kb / 17P
   64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com