Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C040-90TI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C040-90TI
Description  4-Megabit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C040-90TI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C040-90TI Datasheet HTML 1Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 2Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 3Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 4Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 5Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 6Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 7Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 8Page - ATMEL Corporation AT27C040-90TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
0189H–EPROM–12/07
AT27C040
3.
Switching Considerations
Switching between active and standby conditions via the Chip Enable pin may produce tran-
sient voltage excursions. Unless accommodated by the system design, these transients may
exceed datasheet limits, resulting in device non-conformance. At a minimum, a 0.1
µF high
frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This
capacitor should be connected between the V
CC and Ground terminals of the device, as close
to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit
boards with large EPROM arrays, a 4.7 µF bulk electrolytic capacitor should be utilized, again
connected between the V
CC and Ground terminals. This capacitor should be positioned as
close as possible to the point where the power supply is connected to the array.
4.
Block Diagram
5.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ............................................-2.0V to +7.0V
Voltage on A9 with
Respect to Ground .........................................-2.0V to +14.0V
V
PP Supply Voltage with
Respect to Ground ..........................................-2.0V to +14.0V


Similar Part No. - AT27C040-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C040-90TI ATMEL-AT27C040-90TI Datasheet
194Kb / 13P
   4-Megabit 512K x 8 OTP EPROM
AT27C040-90TI ATMEL-AT27C040-90TI Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results

Similar Description - AT27C040-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
   16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
logo
Maxwell Technologies
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
logo
ATMEL Corporation
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
List of Unclassifed Man...
EDI8F16256C ETC1-EDI8F16256C Datasheet
370Kb / 7P
   HIGH SPEED 4 MEGABIT SRAM MODULE
logo
Advanced Micro Devices
AM27C400 AMD-AM27C400 Datasheet
428Kb / 12P
   4 Megabit, ROM Compatible CMOS EPROM
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
   4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com