Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C512R-70PA Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27C512R-70PA
Description  512K (64K x 8) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R-70PA Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27C512R-70PA Datasheet HTML 5Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 6Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 7Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 8Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 9Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 10Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 11Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 12Page - ATMEL Corporation AT27C512R-70PA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
0015O–EPROM–12/07
AT27C512R
18. Rapid Programming Algorithm
A 100 µs CE pulse width is used to program. The address is set to the first location. V
CC is
raised to 6.5V and OE/V
PP is raised to 13.0V. Each address is first programmed with one
100 µs CE pulse without verification. Then a verification/reprogramming loop is executed for
each address. In the event a byte fails to pass verification, up to 10 successive 100 µs pulses
are applied with a verification after each pulse. If the byte fails to verify after 10 pulses have
been applied, the part is considered failed. After the byte verifies properly, the next address is
selected until all have been checked. OE/V
PP is then lowered to VIL and VCC to 5.0V. All bytes
are read again and compared with the original data to determine if the device passes or fails.


Similar Part No. - AT27C512R-70PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R-70PC ATMEL-AT27C512R-70PC Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70PI ATMEL-AT27C512R-70PI Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R-70PU ATMEL-AT27C512R-70PU Datasheet
801Kb / 13P
   512K (64K x 8) One-time Programmable, Read-only Memory
More results

Similar Description - AT27C512R-70PA

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
   512K (64K x 8) Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com