Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C24B-PRRUL Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT83C24B-PRRUL
Description  Smart Card Reader Interface with Power Management
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B-PRRUL Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT83C24B-PRRUL Datasheet HTML 7Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 8Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 9Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 10Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 11Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 12Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 13Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 14Page - ATMEL Corporation AT83C24B-PRRUL Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
4234G–SCR–01/07
AT83C24
CIO, CC4, CC8 Controller
The CIO, CC4, CC8 output pins are driven respectively by CARDIO, CARDC4, CARDC8 bits
values or by I/O, C4, C8 signal pins. This selection depends of the IODIS bit value. If IODIS is
reset, data are bidirectional between respectively I/O, C4, C8 pins and CIO, CC4, CC8 pins.
Figure 5. CIO, CC4, CC8 Block Diagram
IO and CIO pins are linked together through the on chip level shifters if IODIS bit=0 in INTER-
FACE register. This is done automatically during an hardware activation.
Their iddle level are 1. With IO high, CIO is pulled up.
The same behavior is applicable on C4/ CC4 and C8/ CC8 pins.
The maximum frequency on those lines depends on CLK frequency (3 clock rising edges to
transfer). With CLK=27MHz, the maximum frequency on this line is 1.5MHz.
Due to the minimum transfer delay allowed for NDS applications, the CLK minimum frequency is
18MHz.
Clock Controller
The clock controller generates two clocks (as shown in Figure 6 and Figure 7):
1.
a clock for the CCLK: Four different sources can be used: CLK pin, DCCLK signal,
CARDCK bit or A2/CK pin (in transparent mode).
2.
a clock for DC/DC converter.
CIO
0
1
0
1
CARDIO bit
CC4
CC8
0
1
CARDC8 bit
IODIS bit
CARDC4 bit
I/O
C4
C8
CVCC
CVCC
CVCC
EVCC
EVCC


Similar Part No. - AT83C24B-PRRUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B-PRRUL ATMEL-AT83C24B-PRRUL Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24B-PRRUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C24B ATMEL-AT83C24B_05 Datasheet
813Kb / 42P
   Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
   SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
   Multiple Smart Card Reader Interface With Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
   Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com