Selected language     English  ▼


AT89C2051-12PU Datasheet(PDF) 11 Page - ATMEL Corporation

Part No. AT89C2051-12PU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 11 page
background image
11
0368H–MICRO–6/08
AT89C2051
Note:
1.
Only used in 12-volt programming mode.
15. Flash Programming and Verification Waveforms
14. Flash Programming and Verification Characteristics
T
A = 0°C to 70°C, VCC = 5.0 ± 10%
Symbol
Parameter
Min
Max
Units
V
PP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
µA
t
DVGL
Data Setup to PROG Low
1.0
µs
tGHDX
Data Hold after PROG
1.0
µs
tEHSH
P3.4 (ENABLE) High to VPP
1.0
µs
t
SHGL
V
PP Setup to PROG Low
10
µs
tGHSL
VPP Hold after PROG
10
µs
tGLGH
PROG Width
1
110
µs
t
ELQV
ENABLE Low to Data Valid
1.0
µs
tEHQZ
Data Float after ENABLE
01.0
µs
tGHBL
PROG High to BUSY Low
50
ns
t
WC
Byte Write Cycle Time
2.0
ms
tBHIH
RDY/BSY\ to Increment Clock Delay
1.0
µs
tIHIL
Increment Clock High
200
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY22L_18-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89LV55_018-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16HVB8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY261_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl