Selected language     English  ▼


AT89C2051-12PU Datasheet(PDF) 15 Page - ATMEL Corporation

Part No. AT89C2051-12PU
Description  8-bit Microcontroller with 2K Bytes Flash
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 
 15 page
background image
15
0368H–MICRO–6/08
AT89C2051
24. I
CC (Active Mode) Measurements
25. I
CC (Idle Mode) Measurements
26. I
CC (Power Down Mode) Measurements
AT89C2051
TYPICAL ICC - ACTIVE (85°C)
0
5
10
15
20
0
6
12
18
24
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC - IDLE (85°C)
0
1
2
3
036
9
12
FREQUENCY (MHz)
I
C
C
m
A
Vcc=6.0V
Vcc=5.0V
Vcc=3.0V
AT89C2051
TYPICAL ICC vs. VOLTAGE- POWER DOWN (85°C)
0
5
10
15
20
3.0V
4.0V
5.0V
6.0V
Vcc VOLTAGE
I
C
C
µ
A
Notes:
1. XTAL1 tied to GND
2. P.1.0 and P1.1 = VCC or GND
3. Lock bits programmed




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA3290P8-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY25_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90S2313_028-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA325P_068-bit Microcontroller with 32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY22L_18-bit Microcontroller with 2K Bytes of In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT89LV55_018-bit Microcontroller with 20K Bytes Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16HVB8-bit Microcontroller with 16K/32K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATMEGA16_068-bit Microcontroller with 16K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
ATTINY261_068-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl