Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8C-5JC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF16V8C-5JC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-5JC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF16V8C-5JC Datasheet HTML 1Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 2Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 3Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 4Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 5Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 6Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-5JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ATF16V8C
4
Notes:
1. Output data is latched and held.
2. HI-Z outputs remain HI-Z.
3. Clock and input transitions are ignored.
AC Characteristics
Symbol
Parameter
-5
-7
Units
Min
Max
Min
Max
t
PD
Input or Feedback to Non-Registered Output
1
5
3
7.5
ns
tCF
Clock to Feedback
3
3
ns
t
CO
Clock to Output
1425
ns
t
S
Input or Feedback Setup Time
3
5
ns
tH
Input Hold Time
0
0
ns
t
P
Clock Period
6
8
ns
t
W
Clock Width
3
4
ns
F
MAX
External Feedback 1/(tS + tCO)
142
100
MHz
Internal Feedback 1/(t
S + tCF)
166
125
MHz
No Feedback 1/(t
P)
166
125
MHz
tEA
Input to Output Enable – Product Term
2639
ns
t
ER
Input to Output Disable – Product Term
2529
ns
t
PZX
OE pin to Output Enable
2526
ns
tPXZ
OE pin to Output Disable
1.5
5
1.5
6
ns
Power-down AC Characteristics(1)(2)(3)
Symbol
Parameter
-5
-7
Units
Min
Max
Min
Max
t
IVDH
Valid Input Before PD High
5.0
7.5
ns
t
GVDH
Valid OE Before PD High
0
0
ns
tCVDH
Valid Clock Before PD High
0
0
ns
t
DHIX
Input Don’t Care After PD High
5.0
7.5
ns
t
DHGX
OE Don’t Care After PD High
5.0
7.5
ns
tDHCX
Clock Don’t Care After PD High
5.0
7.5
ns
t
DLIV
PD Low to Valid Input
5.0
7.5
ns
t
DLGV
PD Low to Valid OE
15.0
20.0
ns
tDLCV
PD Low to Valid Clock
15.0
20.0
ns
t
DLOV
PD Low to Valid Output
20.0
25.0
ns


Similar Part No. - ATF16V8C-5JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-5JC ATMEL-ATF16V8C-5JC Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-5JC ATMEL-ATF16V8C-5JC Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results

Similar Description - ATF16V8C-5JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com