Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16LV8C-15SC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF16LV8C-15SC
Description  Highperformance EE PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C-15SC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF16LV8C-15SC Datasheet HTML 1Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 2Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 3Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C-15SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ATF16LV8C
5
Input Test Waveforms and
Measurement Levels:
t
R, tF < 1.5ns (10% to 90%)
Output Test Loads:
Commercial
Note:
Similar devices are tested with slightly different loads.
These load differences may affect output signals’ delay
and slew rate. Atmel devices are tested with sufficient
margins to meet compatible devices.
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power-up Reset
The ATF16LV8C’s registers are designed to reset during
power-up. At a point delayed slightly from V
CC crossing
V
RST, all registers will be reset to the low state. As a result,
the registered output state will always be high on power-up.
This feature is critical for state machine initialization.
However, due to the asynchronous nature of reset and the
uncertainty of how V
CC actually rises in the system, the
following conditions are required:
1.
The V
CC rise must be monotonic from below 0.7V.
2.
The signals from which the clock is derived must
remain stable during T
PR.
3.
After T
PR, all input and feedback setup times must
be met before driving the clock term high.
OUTPUT
PIN
3.3V
CL = 35 pF
R1 = 316
R2 = 348
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
C
IN
58
pF
V
IN = 0V
COUT
68
pF
VOUT = 0V
Parameter
Description
Typ
Max
Units
T
PR
Power-up
Reset Time
600
1,000
ns
V
RST
Power-up
Reset
Voltage
2.5
3.0
V


Similar Part No. - ATF16LV8C-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16LV8C-15SC ATMEL-ATF16LV8C-15SC Datasheet
215Kb / 10P
   High- Performance EE PLD
More results

Similar Description - ATF16LV8C-15SC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com