Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8C-7XC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF16V8C-7XC
Description  Highperformance EE PLD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8C-7XC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF16V8C-7XC Datasheet HTML 3Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 4Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 5Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 6Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 7Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 8Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 9Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 10Page - ATMEL Corporation ATF16V8C-7XC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ATF16V8C
7
Functional Logic Diagram Description
The Logic Option and Functional Diagrams describe the
ATF16V8C architecture. Eight configurable macrocells can
be configured as a registered output, combinatorial I/O,
combinatorial output, or dedicated input.
The ATF16V8C can be configured in one of three different
modes. Each mode makes the ATF16V8C look like a differ-
ent device. Most PLD compilers can choose the right mode
automatically. The user can also force the selection by sup-
plying the compiler with a mode selection. The determining
factors would be the usage of register versus combinatorial
outputs and dedicated outputs versus outputs with output
enable control.
The ATF16V8C universal architecture can be programmed
to emulate many 20-pin PAL devices. These architectural
subsets can be found in each of the configuration modes
described in the following pages. The user can download
the listed subset device JEDEC programming file to the
PLD programmer, and the ATF16V8C can be configured to
act like the chosen device. Check with your programmer
manufacturer for this capability.
Unused product terms are automatically disabled by the
compiler to decrease power consumption. A Security Fuse,
when programmed, protects the content of the ATF16V8C.
Eight bytes (64 fuses) of User Signature are accessible to
the user for purposes such as storing project name, part
number, revision, or date. The User Signature is accessible
regardless of the state of the Security Fuse.
Notes:
1. Please call Atmel PLD Hotline at (408) 436-4333 for more information.
2. Only applicable for version 3.4 or lower.
Compiler Mode Selection
Registered
Complex
Simple
Auto Select
ABEL, Atmel-ABEL
P16V8R
P16V8C
P16V8AS
P16V8
With PD ENABLE
P16V8PDR
(1)
P16V8PDC
(1)
P16V8PD
(1)
P16V8PDS
(1)
CUPL, Atmel-CUPL
G16V8MS
G16V8MA
G16V8AS
G16V8A
With PD ENABLE
G16V8CPMS
G16V8CPMA
G16V8CPAS
G16V8CP
LOG/iC
GAL16V8_R
(2)
GAL16V8_C7
(2)
GAL16V8_C8
(2)
GAL16V8
OrCAD-PLD
“Registered”“Complex”“Simple”
GAL16V8A
PLDesigner
P16V8R
P16V8C
P16V8C
P16V8A
Synario/Atmel-Synario
NA
NA
NA
ATF16V8C ALL
With PD ENABLE
NA
NA
NA
ATF16V8C (PD) ALL
(1)
Tango-PLD
G16V8R
G16V8C
G16V8AS
G16V8


Similar Part No. - ATF16V8C-7XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C-7XC ATMEL-ATF16V8C-7XC Datasheet
545Kb / 16P
   High Performance E2 PLD
ATF16V8C-7XC ATMEL-ATF16V8C-7XC Datasheet
1Mb / 23P
   Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results

Similar Description - ATF16V8C-7XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com