Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16LV8C-15XC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF16LV8C-15XC
Description  Highperformance EE PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C-15XC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF16LV8C-15XC Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 9Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 10Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 11Page - ATMEL Corporation ATF16LV8C-15XC Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ATF16LV8C
8
0
0.2
0.4
0.6
0.8
1.0
1.2
3.0
3.25
3.6
NORMALIZED t
CO
VS. SUPPLY VOLTAGE (TA = 25°C)
SUPPLY VOLTAGE (V)
NORM
t
CO
0
0.2
0.4
0.6
0.8
1.0
1.2
3.0
3.25
3.6
NORMALIZED t
S
VS. SUPPLY VOLTAGE (TA = 25°C)
NORM
t
S
SUPPLY VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
3.0
3.25
3.6
NORMALIZED t
H
VS. SUPPLY VOLTAGE (TA = 25°C)
SUPPLY VOLTAGE (V)
NORM
t
H
-80
-70
-60
-50
-40
-30
-20
-10
0
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
INPUT CLAMP CURRENT
VS. INPUT VOLTAGE (TA = 25°C, VCC = 3.3V)
INPUT VOLTAGE (V)
INPUT
CURRENT
mA
INPUT CURRENT
VS. INPUT VOLTAGE (TA = 25°C, VCC = 3.3V)
INPUT VOLTAGE (V)
INPUT
CURRENT
mA
-20
-15
-10
-5
0
5
10
15
20
25
30
35
0
0.5
1.5
2.5
3.3
1.0
2.0
3.0


Similar Part No. - ATF16LV8C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16LV8C-15XC ATMEL-ATF16LV8C-15XC Datasheet
215Kb / 10P
   High- Performance EE PLD
More results

Similar Description - ATF16LV8C-15XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com