Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM66T-01L Datasheet(PDF) 1 Page - BOWIN ELECTRONIC CO.

Part # UM66T-01L
Description  UM66T Simple Melody Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

UM66T-01L Datasheet(HTML) 1 Page - BOWIN ELECTRONIC CO.

  UM66T-01L Datasheet HTML 1Page - BOWIN ELECTRONIC CO. UM66T-01L Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UM66T-19L
Bowin Microelectronics
_________________________________________________________
BOWIN ELECTRONIC COMPANY
www.bowin-ic.com.hk
1
UM66T Simple Melody Generator
Features
••
• 64-note ROM memory
• Bulit-in RC oscillator
••
• 1.3V to 3.3V operating voltage and low
••
• Level-hold mode to play repeatedly
power consumption
••
• Dynamic speaker can be driven with
••
• Packaged in inexpensive TO-92 package
external NPN transistor.
General Description
The UM66T series is a CMOS LSI designed melody generator IC for use in telephones and toys
application. It has an on-chip ROM programmed for musical performance. Produced by CMOS
technology, the device results in very low power consumption. And with built-in RC oscillator, a
compact melody module can be constructed with only a few additional components.
Absolute Maximum Ratings
DC Supply Voltage ................................... -0.3V
to +5.0V
Operating Ambient Temperature .............. -10°C
to 60°C
Storage Temperature ................................. -55°C
to 125°C
Electrical Characteristics
(Vss=0V, VDD=1.5V, Ta=25°C, unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Conditions
Operating voltage
VDD
1.3V
1.5V
3.3V
Current Consumption
IDD
-
16µA
50µA
Playing with no load
Output Current
Io/p
2mA
-
-
Osc. frequency
Focs
63kHz
90kHz
117kHz
Song Series List
Part number
Song name
UM66T-01L
Jingle Bells + Santa Claus Is Coming To Town + We Wish You A Merry
Christmas
UM66T-05L
Home Sweet Home
UM66T-09L
Wedding March (Mendelssohn)
UM66T-19L
For Alice
UM66T-32L
Coo Coo Waltz
UM66T-68L
It Is A Small World


Similar Part No. - UM66T-01L

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
More results

Similar Description - UM66T-01L

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
UM66T-68L BOWIN-UM66T-68L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-05L BOWIN-UM66T-05L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-XXL BOWIN-UM66T-XXL Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-01L BOWIN-UM66T-01L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-08S BOWIN-UM66T-08S Datasheet
36Kb / 2P
   UM66T Simple Melody Generator
UM66T-09L BOWIN-UM66T-09L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
UM66T-19S BOWIN-UM66T-19S Datasheet
35Kb / 2P
   UM66T Simple Melody Generator
UM66T-32L BOWIN-UM66T-32L Datasheet
27Kb / 2P
   UM66T Simple Melody Generator
logo
Micro Electronics
M67 MICRO-ELECTRONICS-M67 Datasheet
50Kb / 2P
   SIMPLE MELODY GENERATOR
logo
List of Unclassifed Man...
FT66T-XX ETC2-FT66T-XX Datasheet
214Kb / 2P
   SIMPLE MELODY GENERATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com