Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8CZ-15XI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF16V8CZ-15XI
Description  Highperformance EE PLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ-15XI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF16V8CZ-15XI Datasheet HTML 3Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 4Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 5Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 6Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 7Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 8Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 9Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 10Page - ATMEL Corporation ATF16V8CZ-15XI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
0453H–PLD–7/05
ATF16V8CZ
4.5
Power-up Reset
The ATF16V8CZ’s registers are designed to reset during power-up. At a point delayed slightly
from V
CC crossing VRST, all registers will be reset to the low state. As a result, the registered out-
put state will always be high on power-up.
This feature is critical for state machine initialization. However, due to the asynchronous nature
of reset and the uncertainty of how V
CC actually rises in the system, the following conditions are
required:
1.
The V
CC rise must be monotonic, from below 0.7V,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock term high, and
3.
The signals from which the clock is derived must remain stable during t
PR.
4.6
Preload of Registered Outputs
The ATF16V8CZ’s registers are provided with circuitry to allow loading of each register with
either a high or a low. This feature will simplify testing since any state can be forced into the reg-
isters to control test sequencing. A JEDEC file with preload is generated when a source file with
vectors is compiled. Once downloaded, the JEDEC file preload sequence will be done automati-
cally by approved programmers.
5.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF16V8CZ fuse patterns.
Once programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature
remains accessible.
The security fuse should be programmed last, as its effect is immediate.
Parameter
Description
Typ
Max
Units
tPR
Power-up Reset Time
600
1,000
ns
V
RST
Power-up Reset Voltage
3.8
4.5
V


Similar Part No. - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8CZ-15XI ATMEL-ATF16V8CZ-15XI Datasheet
381Kb / 10P
   High Performance E2 PLD
More results

Similar Description - ATF16V8CZ-15XI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com