Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29BV010A-12TU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT29BV010A-12TU
Description  1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29BV010A-12TU Datasheet(HTML) 4 Page - ATMEL Corporation

  AT29BV010A-12TU Datasheet HTML 1Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 2Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 3Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 4Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 5Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 6Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 7Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 8Page - ATMEL Corporation AT29BV010A-12TU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
0519F–FLASH–9/08
AT29BV010A
The 128 bytes of data must be loaded into each sector. Any byte that is not loaded during the
programming of its sector will be indeterminate. Once the bytes of a sector are loaded into the
device, they are simultaneously programmed during the internal programming period. After the
first data byte has been loaded into the device, successive bytes are entered in the same man-
ner. Each new byte to be programmed must have its high to low transition on WE (or CE) within
150
μs of the low to high transition of WE (or CE) of the preceding byte. If a high to low transition
is not detected within 150
μs of the last low to high transition, the load period will end and the
internal programming period will start. A7 to A16 specify the sector address. The sector address
must be valid during each high to low transition of WE (or CE). A0 to A6 specify the byte address
within the sector. The bytes may be loaded in any order; sequential loading is not required.
4.3
Hardware Data Protection
Hardware features protect against inadvertent programs to the AT29BV010A in the following
ways: (a) V
CC sense—if VCC is below 2.0V (typical), the program function is inhibited; (b) VCC
power on delay—once V
CC has reached the VCC sense level, the device will automatically time
out 10 ms (typical) before programming; (c) Program inhibit—holding any one of OE low, CE
high or WE high inhibits program cycles; and (d) Noise filter— pulses of less than 15 ns (typical)
on the WE or CE inputs will not initiate a program cycle.
4.4
Input Levels
While operating with a 2.7V to 3.6V power supply, the address inputs and control inputs
(OE, CE
and WE) may be driven from 0 to 5.5V without adversely affecting the operation of the device.
The I/O lines can only be driven from 0 to V
CC + 0.6V.
4.5
Product Identification
The product identification mode identifies the device and manufacturer as Atmel. It may be
accessed by hardware or software operation. The hardware operation mode can be used by an
external programmer to identify the correct programming algorithm for the Atmel product. In
addition, users may wish to use the software product identification mode to identify the part (i.e.
using the device code), and have the system software use the appropriate sector size for pro-
gram operations. In this manner, the user can have a common board design for 256K to 4-
megabit densities and, with each density’s sector size in a memory map, have the system soft-
ware apply the appropriate sector size.
For details, see Operating Modes (for hardware operation) or Software Product Identification.
The manufacturer and device code is the same for both methods of identification.
4.6
DATA Polling
The AT29BV010A features DATA polling to indicate the end of a program cycle. During a pro-
gram cycle an attempted read of the last byte loaded will result in the complement of the loaded
data on I/O7. Once the program cycle has been completed, true data is valid on all outputs and
the next cycle may begin. DATA polling may begin at any time during the program cycle.
4.7
Toggle Bit
In addition to DATA polling the AT29BV010A provides another method for determining the end
of a program or erase cycle. During a program or erase operation, successive attempts to read
data from the device will result in I/O6 toggling between one and zero. Once the program cycle
has completed, I/O6 will stop toggling and valid data will be read. Examining the toggle bit may
begin at any time during a program cycle.


Similar Part No. - AT29BV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV010A-12TC ATMEL-AT29BV010A-12TC Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT29BV010A-12TI ATMEL-AT29BV010A-12TI Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
More results

Similar Description - AT29BV010A-12TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com