Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF20V8B-15SI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF20V8B-15SI
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8B-15SI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF20V8B-15SI Datasheet HTML 5Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 6Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 7Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 8Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 9Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 10Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 11Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 12Page - ATMEL Corporation ATF20V8B-15SI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ATF20V8B(Q)(L)
9
ATF20V8B Complex Mode
PAL Device Emulation/PAL Replacement. In the complex
Mode, combinatorial output and I/O functions are possible.
Pins 1 and 11 are regular inputs to the array. Pins 13
through 18 have pin feedback paths back to the AND-array,
which makes full I/O capability possible. Pins 12 and 19
(outermost macrocells) are outputs only. They do not have
input capability. In this mode, each macrocell has seven
product terms going to the sum term and one product term
enabling the output.
Combinatorial applications with an OE requirement will
make the compiler select this mode. The following devices
can be emulated using this mode:
20L8
20H8
20P8
Complex Mode Operation
ATF20V8B Simple Mode
PAL Device Emulation/PAL Replacement. In the Simple
Mode, 8 product terms are allocated to the sum term. Pins
15 and 16 (center macrocells) are permanently configured
as combinatorial outputs. Other macrocells can be either
inputs or combinatorial outputs with pin feedback to the
AND-array. Pins 1 and 11 are regular inputs.
The compiler selects this mode when all outputs are combi-
natorial without OE control. The following simple PALs can
be emulated using this mode:
14L8
14H8 14P8
16L6
18H6
16P6
18L4
18H4
18P4
20L2
20H2
20P2
Simple Mode Option


Similar Part No. - ATF20V8B-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B-15SI ATMEL-ATF20V8B-15SI Datasheet
758Kb / 17P
   High- Performance EE PLD
More results

Similar Description - ATF20V8B-15SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com