Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV020A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27LV020A
Description  2-Megabit (256K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV020A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27LV020A_07 Datasheet HTML 3Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 4Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 5Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 6Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 7Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 8Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 9Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 10Page - ATMEL Corporation AT27LV020A_07 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
0549G–EPROM–12/07
AT27LV020A
11. Input Test Waveform and Measurement Level
t
R, tF < 20 ns (1% to 90%)
12. Output Test Load
Note:
CL = 1 pF including jig capacitance.
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
13. Pin Capacitance
f = 1 MHz, T = 25
° C(1)
Symbol
Typ
Max
Units
Conditions
C
IN
48
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT27LV020A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A-12 ATMEL-AT27LV020A-12 Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JC ATMEL-AT27LV020A-12JC Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12JI ATMEL-AT27LV020A-12JI Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12TC ATMEL-AT27LV020A-12TC Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A-12TI ATMEL-AT27LV020A-12TI Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
More results

Similar Description - AT27LV020A_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com