Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV010A-70TU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27LV010A-70TU
Description  1-Megabit (128K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV010A-70TU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27LV010A-70TU Datasheet HTML 5Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 6Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 7Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 8Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 9Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 10Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 11Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 12Page - ATMEL Corporation AT27LV010A-70TU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
0548E–EPROM–12/07
AT27LV010A
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven –
see timing diagram.
3. Program Pulse width tolerance is 100 µsec
± 5%.
Note:
1. The AT27LV010A has the same Product Identification Code as the AT27C010. Both are programming compatible.
15. DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
ILI
Input Load Current
VIN = VIL, VIH
±10
µA
VIL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
40
mA
IPP2
VPP Supply Current
CE = PGM = VIL
20
mA
V
ID
A9 Product Identification Voltage
11.5
12.5
V
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.2V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
t
AS
Address Setup Time
Input Rise and Fall Times:
(10% to 90%) 20 ns
Input Pulse Levels:
0.45V to 2.4V
Input Timing Reference Level:
0.8V to 2.0V
Output Timing Reference Level:
0.8V to 2.0V
2µs
t
CES
CE Setup Time
2
µs
tOES
OE Setup Time
2
µs
t
DS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
t
DFP
OE High to Output Float Delay(2)
0130
ns
t
VPS
V
PP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
t
PW
PGM Program Pulse Width(3)
95
105
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27LV010A Integrated Product Identification Code(1)
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0001
111
0
1E
Device Type
1
0000
010
1
05


Similar Part No. - AT27LV010A-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV010A-12 ATMEL-AT27LV010A-12 Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JC ATMEL-AT27LV010A-12JC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12JI ATMEL-AT27LV010A-12JI Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12TC ATMEL-AT27LV010A-12TC Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27LV010A-12TI ATMEL-AT27LV010A-12TI Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV010A-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010 ATMEL-AT27BV010 Datasheet
209Kb / 9P
   1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com