Electronic Components Datasheet Search |
|
AT27LV256A-55TU Datasheet(PDF) 6 Page - ATMEL Corporation |
|
AT27LV256A-55TU Datasheet(HTML) 6 Page - ATMEL Corporation |
6 / 15 page 6 0547G–EPROM–12/07 AT27LV256A 10. AC Waveforms for Read Operation (1) Notes: 1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. 2. OE may be delayed up to t CE - tOE after the falling edge of CE without impact on tCE. 3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC. 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven. 9. AC Characteristics for Read Operation V CC = 3.0V to 3.6V and 4.5V to 5.5V Symbol Parameter Condition AT27LV256A Units -55 -90 Max Min Min Max t ACC (3) Address to Output Delay CE = OE = V IL 55 90 ns tCE (2) CE to Output Delay OE = VIL 55 90 ns tOE (2)(3) OE to Output Delay CE = VIL 35 50 ns tDF (4)(5) OE or CE High to Output Float, Whichever Occurred First 30 40 ns tOH Output Hold from Address, CE or OE, Whichever Occurred First 00 ns |
Similar Part No. - AT27LV256A-55TU |
|
Similar Description - AT27LV256A-55TU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |