Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C020-90TI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C020-90TI
Description  2-megabit (256K x 8) OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C020-90TI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27C020-90TI Datasheet HTML 3Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 4Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 5Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 6Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 7Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 8Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 9Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 10Page - ATMEL Corporation AT27C020-90TI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
0570G–EPROM–12/07
AT27C020
14. Programming Waveforms (1)
Notes:
1. The Input Timing reference is 0.8V for VIL and 2.0V for VIH.
2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27C020, a 0.1 µF capacitor is required across V
PP and ground to suppress voltage transients.


Similar Part No. - AT27C020-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020-90TI ATMEL-AT27C020-90TI Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
More results

Similar Description - AT27C020-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com