Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV1024 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27BV1024
Description  1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV1024 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27BV1024 Datasheet HTML 6Page - ATMEL Corporation AT27BV1024 Datasheet HTML 7Page - ATMEL Corporation AT27BV1024 Datasheet HTML 8Page - ATMEL Corporation AT27BV1024 Datasheet HTML 9Page - ATMEL Corporation AT27BV1024 Datasheet HTML 10Page - ATMEL Corporation AT27BV1024 Datasheet HTML 11Page - ATMEL Corporation AT27BV1024 Datasheet HTML 12Page - ATMEL Corporation AT27BV1024 Datasheet HTML 13Page - ATMEL Corporation AT27BV1024 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
0631E–EPROM–12/07
AT27BV1024
18. Rapid Programming Algorithm
A 100 µs PGM pulse width is used to program. The address is set to the first location. V
CC is
raised to 6.5V and V
PP is raised to 13.0V. Each address is first programmed with one 100 µs
PGM pulse without verification. Then a verification/reprogramming loop is executed for each
address. In the event a word fails to pass verification, up to 10 successive 100 µs pulses are
applied with a verification after each pulse. If the word fails to verify after 10 pulses have been
applied, the part is considered failed. After the word verifies properly, the next address is
selected until all have been checked. V
PP is then lowered to 5.0V and VCC to 5.0V. All words are
read again and compared with the original data to determine if the device passes or fails.


Similar Part No. - AT27BV1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV1024-12JC ATMEL-AT27BV1024-12JC Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV1024-12JI ATMEL-AT27BV1024-12JI Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV1024-12VC ATMEL-AT27BV1024-12VC Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV1024-12VI ATMEL-AT27BV1024-12VI Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results

Similar Description - AT27BV1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com