Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10C-7JC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF22V10C-7JC
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-7JC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF22V10C-7JC Datasheet HTML 1Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-7JC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Features
Industry-standard Architecture
– Low-cost, Easy-to-use Software Tools
High-speed, Electrically Erasable Programmable Logic Devices
– 5 ns Maximum Pin-to-pin Delay
CMOS- and TTL-compatible Inputs and Outputs
– Latch Feature Holds Inputs to Previous Logic States
Pin-controlled Standby Power (10 µA Typical)
Advanced Flash Technology
– Reprogrammable
– 100% Tested
High-reliability CMOS Process
– 20-year Data Retention
– 100 Erase/Write Cycles
– 2,000V ESD Protection
– 200 mA Latch-up Immunity
Dual Inline and Surface Mount Packages in Standard Pinouts
PCI-compliant
True Input Transition Detection “Z” and “QZ” Version
Green Package Options (Pb/Halide-free/RoHS Compliant) Available
1.
Description
The ATF22V10C is a high-performance CMOS (electrically erasable) programmable
logic device (PLD) that utilizes Atmel’s proven electrically erasable Flash memory
technology. Speeds down to 5 ns and power dissipation as low as 100 µA are offered.
All speed ranges are specified over the full 5V ± 10% range for industrial temperature
ranges, and 5V ± 5% for commercial temperature ranges.
Several low-power options allow selection of the best solution for various types of
power-limited applications. Each of these options significantly reduces total system
power and enhances system reliability.
High-
performance
EE PLD
ATF22V10C
ATF22V10CQ
See separate datasheet
for ATF22V10CZ and
ATF22V10CQZ options.
0735S–PLD–8/08


Similar Part No. - ATF22V10C-7JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-7JC ATMEL-ATF22V10C-7JC Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF22V10C-7JC ATMEL-ATF22V10C-7JC Datasheet
273Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C-7JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com