Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV512A-90RU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27LV512A-90RU
Description  512K (64K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A-90RU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT27LV512A-90RU Datasheet HTML 3Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 4Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 5Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 6Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 7Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 8Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 9Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 10Page - ATMEL Corporation AT27LV512A-90RU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
0607F–EPROM–12/07
AT27LV512A
11. Input Test Waveforms and Measurement Levels
12. Output Test Load
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
t
R, tF < 20 ns (10% to 90%)
Note: CL = 100 pF including
jig capacitance.
13. Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT27LV512A-90RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A-90RC ATMEL-AT27LV512A-90RC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-90RI ATMEL-AT27LV512A-90RI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV512A-90RU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com