Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C2048-90PI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT27C2048-90PI
Description  2-Megabit (128K x 16) OTP EPROM AT27C2048
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C2048-90PI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT27C2048-90PI Datasheet HTML 2Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 3Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 4Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 5Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 6Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 7Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 8Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 9Page - ATMEL Corporation AT27C2048-90PI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
0632F–EPROM–12/07
AT27C2048
11. Input Test Waveforms and Measurement Levels
For -55 devices only:
tR, tF < 5 ns (10% to 90%)
For -90 devices:
tR, tF < 20 ns (10% to 90%)
12. Output Test Load
Note:
CL = 100 pF including jig capacitance, except for the -55 devices, where CL = 30 pF.
13. Pin Capacitance
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Symbol
Typ
Max
Units
Conditions
C
IN
410
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT27C2048-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048-90PI ATMEL-AT27C2048-90PI Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
More results

Similar Description - AT27C2048-90PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com