Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27LV512A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT27LV512A
Description  512K (64K x 8) Low Voltage OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27LV512A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT27LV512A Datasheet HTML 5Page - ATMEL Corporation AT27LV512A Datasheet HTML 6Page - ATMEL Corporation AT27LV512A Datasheet HTML 7Page - ATMEL Corporation AT27LV512A Datasheet HTML 8Page - ATMEL Corporation AT27LV512A Datasheet HTML 9Page - ATMEL Corporation AT27LV512A Datasheet HTML 10Page - ATMEL Corporation AT27LV512A Datasheet HTML 11Page - ATMEL Corporation AT27LV512A Datasheet HTML 12Page - ATMEL Corporation AT27LV512A Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
0607F–EPROM–12/07
AT27LV512A
Notes:
1. VCC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven –
see timing diagram.
3. Program Pulse width tolerance is 100 µsec
± 5%.
Note:
1. The AT27LV512A has the same Product Identification Code as the AT27C512R. Both are programming compatible.
15. DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
ILI
Input Load Current
VIN = VIL, VIH
10
µA
VIL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
25
mA
IPP2
OE/VPP Current
CE = VIL
25
mA
V
ID
A9 Product Identification Voltage
11.5
12.5
V
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
t
AS
Address Setup Time
Input Rise and Fall Times:
(10% to 90%) 20 ns
Input Pulse Levels:
0.45V to 2.4V
Input Timing Reference Level:
0.8V to 2.0V
Output Timing Reference Level:
0.8V to 2.0V
2µs
t
OES
OE/V
PP Setup Time
2
µs
tOEH
OE/VPP Hold Time
2
µs
t
DS
Data Setup Time
2
µs
t
AH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
t
DFP
CE High to Output Float Delay(2)
0130
ns
t
VCS
V
CC Setup Time
2
µs
tPW
CE Program Pulse Width(3)
95
105
µs
t
DV
Data Valid from CE(2)
1µs
tVR
OE/VPP Recovery Time
2
µs
tPRT
OE/VPP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27LV512A Integrated Product Identification Code(1)
Codes
Pins
Hex
Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
000011110
1E
Device Type
100000101
0D


Similar Part No. - AT27LV512A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12 ATMEL-AT27LV512A-12 Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JC ATMEL-AT27LV512A-12JC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12JI ATMEL-AT27LV512A-12JI Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A-12RC ATMEL-AT27LV512A-12RC Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
More results

Similar Description - AT27LV512A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
ATMEL Corporation
AT27C520 ATMEL-AT27C520 Datasheet
126Kb / 10P
   512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
   4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512 Datasheet
229Kb / 9P
   512K 64K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com