Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF750C
Description  High-speed Complex Programmable Logic Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF750C_08 Datasheet HTML 7Page - ATMEL Corporation ATF750C_08 Datasheet HTML 8Page - ATMEL Corporation ATF750C_08 Datasheet HTML 9Page - ATMEL Corporation ATF750C_08 Datasheet HTML 10Page - ATMEL Corporation ATF750C_08 Datasheet HTML 11Page - ATMEL Corporation ATF750C_08 Datasheet HTML 12Page - ATMEL Corporation ATF750C_08 Datasheet HTML 13Page - ATMEL Corporation ATF750C_08 Datasheet HTML 14Page - ATMEL Corporation ATF750C_08 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
0776L–PLD–11/08
ATF750C(L)
21. Power-up Reset
The registers in the ATF750C(L)s are designed to reset during power-up. At a point delayed
slightly from V
CC crossing VRST, all registers will be reset to the low state. The output state will
depend on the polarity of the output buffer.
This feature is critical for state machine initialization. However, due to the asynchronous nature
of reset and the uncertainty of how V
CC actually rises in the system, the following conditions are
required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock terms or pin high, and
3.
The clock pin, or signals from which clock terms are derived, must remain stable
during t
PR.
22. Pin Capacitance
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100%
tested.
Parameter
Description
Typ
Max
Units
tPR
Power-up Reset Time
600
1000
ns
V
RST
Power-up Reset Voltage
2.0
4.5
V
f = 1 MHz, T = 25°C
(1)
Typ
Max
Units
Conditions
CIN
58
pF
VIN = 0V
C
OUT
68
pF
V
OUT = 0V


Similar Part No. - ATF750C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750C-10JC ATMEL-ATF750C-10JC Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C-10JI ATMEL-ATF750C-10JI Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C-10PC ATMEL-ATF750C-10PC Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C-10PI ATMEL-ATF750C-10PI Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750C-10SC ATMEL-ATF750C-10SC Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750C_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com