Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1500A-10JC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATF1500A-10JC
Description  Highperformance EPLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1500A-10JC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATF1500A-10JC Datasheet HTML 6Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 7Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 8Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 9Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 10Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 11Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 12Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 13Page - ATMEL Corporation ATF1500A-10JC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ATF1500A(L)
10
Notes:
1. For slow slew outputs, add t
SSO .
2. Pin or Product Term.
Input Test Waveforms and
Measurement Levels
Output Test Load
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Power Down AC Characteristics
Symbol
Parameter
-7
-10
-12
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
IVDH
Valid I, I/O Before
PD High
7
101215
20
25
ns
t
GVDH
Valid OE(2)
Before PD High
7
101215
20
25
ns
tCVDH
Valid Clock(2)
Before PD High
7
101215
20
25
ns
tDHIX
Input Don't Care
After PD High
15
20
22
25
30
35
ns
t
DHGX
OE Don't Care
After PD High
15
20
22
25
30
35
ns
tDHCX
Clock Don't Care
After PD High
15
20
22
25
30
35
ns
tDLIV
PD Low to Valid I,
I/O
111111
µs
t
DLGV
PD Low to Valid
OE(2)
111111
µs
tDLCV
PD Low to Valid
Clock(2)
111111
µs
tDLOV
(1)
PD Low to Valid
Output
111111
µs
3.0V
0.0V
1.5V
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
tr, tf ≤ 1.5 ns
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Typ
Max
Units
Conditions
CIN
4.5
5.5
pF
VIN = 0V
COUT
3.5
4.5
pF
VOUT = 0V


Similar Part No. - ATF1500A-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A-10JC ATMEL-ATF1500A-10JC Datasheet
680Kb / 16P
   High Performance E2 PLD
More results

Similar Description - ATF1500A-10JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com