Electronic Components Datasheet Search |
|
ATF1500A-10JI Datasheet(PDF) 1 Page - ATMEL Corporation |
|
ATF1500A-10JI Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 19 page 1 TQFP Top View 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 I/O I/O I/O GND I/O I/O I/O I/O VCC I/O I/O I/O I/O I/O I/O VCC I/O I/O I/O I/O GND I/O PLCC Top View 7 8 9 10 11 12 13 14 15 16 17 39 38 37 36 35 34 33 32 31 30 29 I/O I/O I/O GND I/O I/O I/O I/O VCC I/O I/O I/O I/O I/O I/O VCC I/O I/O I/O I/O GND I/O Pin Configurations Pin Name Function CLK Clock I Logic Inputs I/O Bi-directional Buffers GCLR Register Reset (active low) OE1, OE2 Output Enable (active low) VCC +5V Supply PD Power-down (active high) Features • High-density, High-performance Electrically-erasable Complex Programmable Logic Device – 44-pin, 32 I/O CPLD – 7.5 ns Maximum Pin-to-pin Delay – Registered Operation Up to 125 MHz – Fully Connected Input and Feedback Logic Array – Backward Compatibility with ATF1500/L Software and Hardware • Flexible Logic Macrocell – D/T/Latch Configurable Flip-flops – Global and Individual Register Control Signals – Global and Individual Output Enable – Programmable Output Slew Rate • Advanced Power Management Features – Automatic 3 mA Standby (ATF1500AL) – Pin-controlled 10 mA Standby Mode – Programmable Pin-keeper Inputs and I/Os • Available in Commercial and Industrial Temperature Ranges • Available in 44-lead PLCC and TQFP Packages • Advanced Flash Technology – 100% Tested – Completely Reprogrammable – 100 Program/Erase Cycles – 20 Year Data Retention – 2000V ESD Protection – 200 mA Latch-up Immunity • Supported by Popular third-arty Tools • Security Fuse Feature • Pin-compatible with the Most Commonly Used Devices • Green (Pb/Halide-fee/RoHS Compliant) Package Options Description The ATF1500A is a high-performance, high-density complex PLD. Built on an advanced Flash technology, it has maximum pin-to-pin delays of 7.5 ns and supports sequential logic operation at speeds up to 125 MHz. With 32 logic macrocells and up to 36 inputs, it easily integrates logic from several TTL, SSI, MSI and classic PLDs. The ATF1500A’s global input and feedback architecture simplifies logic placement and eliminates pinout changes due to design changes. High- performance EPLD ATF1500A ATF1500AL Rev. 0759F–6/05 (continued) |
Similar Part No. - ATF1500A-10JI |
|
Similar Description - ATF1500A-10JI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |