Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10C-10XC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF22V10C-10XC
Description  Highperformance EE PLD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10C-10XC Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF22V10C-10XC Datasheet HTML 1Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 2Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 3Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 4Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 5Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 6Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 7Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 8Page - ATMEL Corporation ATF22V10C-10XC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
0735S–PLD–8/08
ATF22V10C(Q)
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
4.1
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
0
≤V
IN ≤VIL (Max)
-35.0
-10.0
µA
I
IH
Input or I/O High
Leakage Current
3.5
≤V
IN ≤VCC
10.0
µA
ICC
Power Supply Current,
Standby
V
CC = Max,
VIN = Max,
Outputs Open
C-5, 7, 10
Com.
85.0
130.0
mA
C-10
Ind.
90.0
140.0
mA
C-15
Com.
65.0
90.0
mA
C-15
Ind.
65.0
115.0
mA
CQ-15
Com.
35.0
55.0
mA
CQ-15
Ind.
35.0
70.0
mA
ICC2
Clocked Power Supply
Current
VCC = Max, Outputs Open,
f = 15 MHz
C-5, 7, 10
Com.
150.0
mA
C-10
Ind.
160.0
mA
C-15
Com.
70.0
90.0
mA
C-15
Ind.
70.0
90.0
mA
CQ-15
Com.
40.0
60.0
mA
CQ-15
Ind.
40.0
80.0
mA
IPD
Power Supply Current,
PD Mode
V
CC = Max
Com.
10.0
100.0
µA
VIN = 0, Max
Ind.
10.0
100.0
µA
IOS
(1)
Output Short Circuit
Current
VOUT = 0.5V
-130.0
mA
VIL
Input Low Voltage
-0.5
0.8
V
V
IH
Input High Voltage
2.0
V
CC+0.75
V
V
OL
Output Low Voltage
VIN = VIH or VIL,
V
CC = Min
IOL = 16 mA
Com.,
Ind.
0.5
V
I
OL = 12 mA
Mil.
0.5
V
V
OH
Output High Voltage
VIN = VIH or VIL,
V
CC = Min
I
OH = -4.0 mA
2.4
V


Similar Part No. - ATF22V10C-10XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10C-10XC ATMEL-ATF22V10C-10XC Datasheet
234Kb / 8P
   High Performance E2 PLD
ATF22V10C-10XC ATMEL-ATF22V10C-10XC Datasheet
273Kb / 18P
   Highperformance EE PLD
More results

Similar Description - ATF22V10C-10XC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com