Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0720102M3A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 5962-0720102M3A
Description  High-speed Complex Programmable Logic Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-0720102M3A Datasheet(HTML) 5 Page - ATMEL Corporation

  5962-0720102M3A Datasheet HTML 1Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 2Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 3Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 4Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 5Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 6Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 7Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 8Page - ATMEL Corporation 5962-0720102M3A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
0776L–PLD–11/08
ATF750C(L)
9.
Bus-friendly Pin-keeper Input and I/Os
All input and I/O pins on the ATF750C(L) have programmable “pin-keeper” circuits. If activated,
when any pin is driven high or low and then subsequently left floating, it will stay at that previous
high or low level.
This circuitry prevents unused input and I/O lines from floating to intermediate voltage levels,
which causes unnecessary power consumption and system noise. The keeper circuits eliminate
the need for external pull-up resistors and eliminate their DC power consumption.
Enabling or disabling of the pin-keeper circuits is controlled by the device type chosen in the
logic compiler device selection menu. Please refer to the software compiler table for more
details. Once the pin-keeper circuits are disabled, normal termination procedures are required
for unused inputs and I/Os.
10. Input Diagram
11. I/O Diagram
100K
V
CC
ESD
PROTECTION
CIRCUIT
INPUT
PROGRAMMABLE
OPTION
100K
V
CC
V
CC
DATA
OE
I/O
PROGRAMMABLE
OPTION


Similar Part No. - 5962-0720102M3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0720401VXC TI1-5962-0720401VXC Datasheet
584Kb / 23P
[Old version datasheet]   CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
5962-0720401VXC TI1-5962-0720401VXC Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
5962-0720402VXC TI1-5962-0720402VXC Datasheet
797Kb / 31P
[Old version datasheet]   Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
5962-0720601VXC TI1-5962-0720601VXC Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
5962-0720601VXC TI1-5962-0720601VXC Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - 5962-0720102M3A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
   High Speed UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
   High-Speed UV-Erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com