Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CZ-15PC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF22V10CZ-15PC
Description  Highperformance EE PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CZ-15PC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF22V10CZ-15PC Datasheet HTML 1Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 2Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 3Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 4Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 5Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 6Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 7Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 8Page - ATMEL Corporation ATF22V10CZ-15PC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
0778J–PLD–11/07
ATF22V10C(Q)Z
4.2
AC Waveforms
Note:
1. See ordering information for valid part numbers.
INPUTS, I/O
REG. FEEDBACK
SYNCH. PRESET
CP
ASYNCH. RESET
REGISTERED
OUTPUTS
COMBINATORIAL
OUTPUTS
VALID
VALID
VALID
VALID
VALID
VALID
OUTPUT
DISABLED
OUTPUT
DISABLED
tS
tH
tW
tW
tP
tAR
tAW
tAP
tCO
tPD
tER
tEA
tEA
tER
4.3
AC Characteristics(1)
Symbol
Parameter
-12
-15
-20
Units
Min
Max
Min
Max
Min
Max
t
PD
Input or Feedback to Non-registered Output
3
12
3
15
3
20
ns
tCF
Clock to Feedback
6
4.5
8
ns
tCO
Clock to Output
2
8
2
8
2
12
ns
t
S
Input or Feedback Setup Time
10
10
14
ns
tH
Input Hold Time
0
0
0
ns
t
W
Clock Width
6
6
10
ns
fMAX
External Feedback 1/(t
S + tCO)
Internal Feedback 1/(tS + tCF)
No Feedback 1/(t
P)
55.5
62
83.3
55.5
69
83.3
38.5
45.5
50.0
MHz
MHz
MHz
t
EA
Input to Output Enable - Product Term
3
12
3
15
3
20
ns
tER
Input to Output Disable - Product Term
2
15
3
15
3
20
ns
t
PZX
OE Pin to Output Enable
2
12
2
15
2
20
ns
t
PXZ
OE Pin to Output Disable
2
15
2
15
2
20
ns
t
AP
Input or I/O to Asynchronous Reset of
Register
3
10
3
15322
ns
t
SP
Setup Time, Synchronous Preset
10
10
14
ns
tAW
Asynchronous Reset Width
7
8
20
ns
t
AR
Asynchronous Reset Recovery Time
5
6
20
ns
t
SPR
Synchronous Preset to Clock Recovery
Time
10
10
14
ns


Similar Part No. - ATF22V10CZ-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ-15PC ATMEL-ATF22V10CZ-15PC Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CZ-15PC ATMEL-ATF22V10CZ-15PC Datasheet
270Kb / 9P
   High Performance E2 PLD
ATF22V10CZ-15PC ATMEL-ATF22V10CZ-15PC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22V10CZ-15PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com