Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA306 Datasheet(PDF) 9 Page - Cirrus Logic

Part # SA306
Description  3 Phase Switching Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA306 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button SA306 Datasheet HTML 5Page - Cirrus Logic SA306 Datasheet HTML 6Page - Cirrus Logic SA306 Datasheet HTML 7Page - Cirrus Logic SA306 Datasheet HTML 8Page - Cirrus Logic SA306 Datasheet HTML 9Page - Cirrus Logic SA306 Datasheet HTML 10Page - Cirrus Logic SA306 Datasheet HTML 11Page - Cirrus Logic SA306 Datasheet HTML 12Page - Cirrus Logic SA306 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SA306
SA306U

P r o d u c t I n n o v a t i o n F r o m
SGND
Gate
Control
Vs
OUT A
PGND
At
Ab
SC
TEMP
SC
Logic
Temp
Sense
Ref
Ia
DIS2
I
LIM/DIS1
UVLO
Ia'
Lim b
Lim c
+
_
Vdd
Lim a
Current
Sense
12k
12k
12k
12k
Vth
The block diagram in Figure 5 illustrates the features of the input and output structures of the SA306. For simplicity,
a single phase is shown.
FIgURE.INPUTANDOUTPUTSTRUCTURESFORASINgLEPhASE
TABLE2.TRUThTABLE
Comments
0 0
X
X
X
High-Z
Top and Bottom output FETs for that phase are turned off.
0 1 <V
th
0
0
PGND
Bottom output FET for that phase is turned on.
1 0 <V
th
0
0
VS
Top output FET for that phase is turned on.
1 1
X
X
X
High-Z
Both output FETs for that phase are turned off.
X X >V
th
1
X
High-Z
Voltage on Ia, Ib, or Ic has exceeded Vth, which causes I
LIM/DIS1 to go high.
This internally disables Top and Bottom output FETs for ALL phases.
X X
X
X
1
High-Z
DIS2 pin pulled high, which disables all outputs.
X X
X
Pulled
High X
High-Z
Pulling the I
LIM/DIS1 pin high externally acts as a second disable input,
which disables ALL output FETs.
X X
X
Pulled
Low
0
Determined
by PWM
inputs
Pulling the DIS2 pin low externally disables the cycle-by-cycle current limit
function. The state of the outputs is strictly a function of the PWM inputs.
X X
X
X
X
High-Z
If V
S is below the UVLO threshold all output FETs will be disabled.


Similar Part No. - SA306

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SA30 CHENDA-SA30 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA30 PANJIT-SA30 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA30 FCI-SA30 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA30 TSC-SA30 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SA30 CHONGQING-SA30 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA306

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA303 CIRRUS-SA303 Datasheet
772Kb / 14P
   3 Phase Switching Amplifier
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
   3 phase and single phase switching
logo
DAICO Industries, Inc.
DP0877 DAICO-DP0877 Datasheet
36Kb / 1P
   3 Section Phase Shifter / Amplifier/ Switch
logo
Linear Technology
LTC3731 LINER-LTC3731 Datasheet
326Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H_15 Datasheet
437Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731 LINER-LTC3731_15 Datasheet
380Kb / 34P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
LTC3731H LINER-LTC3731H Datasheet
323Kb / 32P
   3-Phase, 600kHz, Synchronous Buck Switching Regulator Controller
logo
Analog Devices
HMC-C079 AD-HMC-C079 Datasheet
1,003Kb / 6P
   ULTRA LOW PHASE NOISE AMPLIFIER MODULE, 3 - 8 GHz
logo
Semikron International
DBI15 SEMIKRON-DBI15 Datasheet
248Kb / 3P
   3~phase
SKDI26 SEMIKRON-SKDI26 Datasheet
261Kb / 3P
   3~phase
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com