Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF22V10CQZ-20JU Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF22V10CQZ-20JU
Description  Highperformance EE PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22V10CQZ-20JU Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF22V10CQZ-20JU Datasheet HTML 1Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 2Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 3Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 4Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 5Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 6Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 7Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 8Page - ATMEL Corporation ATF22V10CQZ-20JU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
0778J–PLD–11/07
ATF22V10C(Q)Z
Note:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
4.1
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
0
≤ V
IN ≤ VIL (Max)
3.5
≤ V
IN ≤ VCC
-10
µA
I
IH
Input or I/O High
Leakage Current
10
µA
I
CC
Clocked Power
Supply Current
VCC = Max
Outputs Open,
f = 15 MHz
CZ-12, 15
Com
90
150
mA
CZ-15
Ind
90
180
mA
CQZ-20
Com
40
60
mA
CQZ-20
Ind
40
80
mA
ISB
Power Supply Current,
Standby
V
CC = Max
VIN = MAX
Outputs Open
CZ-12, 15
Com
5
25
µA
CZ-15
Ind
5
50
µA
CQZ-20
Com
5
25
µA
CQZ-20
Ind
5
50
µA
IOS
(1)
Output Short Circuit
Current
VOUT = 0.5V
-130
mA
VIL
Input Low Voltage
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.75
V
VOL
Output Low Voltage
V
IN = VIH or VIL
VCC = Min,
I
OL = 16 mA
0.5
V
VOH
Output High Voltage
V
IN = VIH or VIL
VCCIO = Min,
I
OH = -4.0 mA
2.4
V


Similar Part No. - ATF22V10CQZ-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQZ-20JC ATMEL-ATF22V10CQZ-20JC Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQZ-20JC ATMEL-ATF22V10CQZ-20JC Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
ATF22V10CQZ-20JI ATMEL-ATF22V10CQZ-20JI Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10CQZ-20JI ATMEL-ATF22V10CQZ-20JI Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22V10CQZ-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com