Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1502ASV
Description  Highperformance EEPROM CPLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1502ASV_06 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 12Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 13Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 14Page - ATMEL Corporation ATF1502ASV_06 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
1615J–PLD–01/06
ATF1502ASV
9.
Electrical Specifications
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested. The OGI pin (high-voltage
pin during programming) has a maximum capacitance of 12 pF.
Table 9-1.
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is VCC + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
Table 9-2.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0
°C - 70°C-40°C - 85°C
V
CC (3.3V) Power Supply
3.0V – 3.6V
3.0V – 3.6V
Table 9-3.
Pin Capacitance(1)
Typ
Max
Units
Conditions
CIN
810
pF
VIN = 0V; f = 1.0 MHz
C
I/O
810
pF
V
OUT = 0V; f = 1.0 MHz


Similar Part No. - ATF1502ASV_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV-15AC44 ATMEL-ATF1502ASV-15AC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502ASV-15AI44 ATMEL-ATF1502ASV-15AI44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502ASV-15JC44 ATMEL-ATF1502ASV-15JC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502ASV-15JI44 ATMEL-ATF1502ASV-15JI44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502ASV-20AC44 ATMEL-ATF1502ASV-20AC44 Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
More results

Similar Description - ATF1502ASV_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com