Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504ASV-15AC44 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1504ASV-15AC44
Description  Low-voltage, Complex Programmable Logic Device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASV-15AC44 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1504ASV-15AC44 Datasheet HTML 5Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 6Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 7Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 8Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 9Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 10Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 11Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 12Page - ATMEL Corporation ATF1504ASV-15AC44 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
ATF1504ASV(L)
1409J–PLD–6/05
All power-down AC characteristic parameters are computed from external input or I/O
pins, with reduced-power bit turned on. For macrocells in reduced-power mode
(reduced-power bit turned on), the reduced-power adder, t
RPA, must be added to the AC
parameters, which include the data paths t
LAD, tLAC, tIC, tACL, tACH and tSEXP.
The ATF1504ASV(L) macrocell also has an option whereby the power can be reduced
on a per macrocell basis. By enabling this power-down option, macrocells that are not
used in an application can be turned down, thereby reducing the overall power con-
sumption of the device.
Each output also has individual slew rate control. This may be used to reduce system
noise by slowing down outputs that do not need to operate at maximum speed. Outputs
default to slow switching, and may be specified as fast switching in the design file.
Design Software
Support
ATF1504ASV(L) designs are supported by several industry standard third party tools.
Automated fitters allow logic synthesis using a variety of high-level description lan-
guages and formats.
Power-up Reset
The ATF1504ASV is designed with a power-up reset, a feature critical for state machine
initialization. At a point delayed slightly from V
CC crossing VRST, all registers will be ini-
tialized, and the state of each output will depend on the polarity of its buffer. However,
due to the asynchronous nature of reset and uncertainty of how V
CC actually rises in the
system, the following conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving
the clock pin high, and,
3.
The clock must remain stable during T
D.
The ATF1504ASV has two options for the hysteresis about the reset level, V
RST, Small
and Large. To ensure a robust operating environment in applications where the device
is operated near 3.0V, Atmel recommends that during the fitting process users configure
the device with the Power-up Reset hysteresis set to Large. For conversions, Atmel
POF2JED users should include the flag “-power_reset” on the command line after “file-
name.POF”. To allow the registers to be properly reinitialized with the Large hysteresis
option selected, the following condition is added:
4.
If V
CC falls below 2.0V, it must shut off completely before the device is turned on
again.
When the Large hysteresis option is active, I
CC is reduced by several hundred micro-
amps as well.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF1504ASV(L) fuse
patterns. Once programmed, fuse verify is inhibited. However, the 16-bit User Signature
remains accessible.


Similar Part No. - ATF1504ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV-15AC44 ATMEL-ATF1504ASV-15AC44 Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASV-15AC44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com