Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508ASV-15JI84 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1508ASV-15JI84
Description  Highperformance EE PLD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASV-15JI84 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1508ASV-15JI84 Datasheet HTML 1Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 2Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 3Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 4Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 5Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 6Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 7Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 8Page - ATMEL Corporation ATF1508ASV-15JI84 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
ATF1508ASV(L)
1408H–PLD–7/05
Flip-flop
The ATF1508ASV(L)’s flip-flop has very flexible data and control functions. The data
input can come from either the XOR gate, from a separate product term or directly from
the I/O pin. Selecting the separate product term allows creation of a buried registered
feedback within a combinatorial output macrocell. (This feature is automatically imple-
mented by the fitter software). In addition to D, T, JK and SR operation, the flip-flop can
also be configured as a flow-through latch. In this mode, data passes through when the
clock is high and is latched when the clock is low.
The clock itself can either be the Global CLK Signal (GCK) or an individual product term.
The flip-flop changes state on the clock's rising edge. When the GCK signal is used as
the clock, one of the macrocell product terms can be selected as a clock enable. When
the clock enable function is active and the enable signal (product term) is low, all clock
edges are ignored. The flip-flop’s asynchronous reset signal (AR) can be either the Glo-
bal Clear (GCLEAR), a product term, or always off. AR can also be a logic OR of
GCLEAR with a product term. The asynchronous preset (AP) can be a product term or
always off.
Figure 1. ATF1508ASV(L) Macrocell


Similar Part No. - ATF1508ASV-15JI84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508ASV-15JI84 ATMEL-ATF1508ASV-15JI84 Datasheet
519Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF1508ASV-15JI84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com