Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M55800A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT91M55800A
Description  AT91 ARM Thumb Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M55800A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT91M55800A Datasheet HTML 1Page - ATMEL Corporation AT91M55800A Datasheet HTML 2Page - ATMEL Corporation AT91M55800A Datasheet HTML 3Page - ATMEL Corporation AT91M55800A Datasheet HTML 4Page - ATMEL Corporation AT91M55800A Datasheet HTML 5Page - ATMEL Corporation AT91M55800A Datasheet HTML 6Page - ATMEL Corporation AT91M55800A Datasheet HTML 7Page - ATMEL Corporation AT91M55800A Datasheet HTML 8Page - ATMEL Corporation AT91M55800A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
AT91M55800A
1727E–ATARM–01/04
Power Consumption
The values in the following tables are measured values in the operating conditions indi-
cated (i.e., V
DDIO = 3.3V, VDDCORE = 3.3V, TA = 25°C) on the AT91EB55 Evaluation
Board. They represent the power consumption on the V
DDCORE power supply unless oth-
erwise specified.
Notes:
1. Power consumption on the V
DDPLL power supply.
2. With a reference frequency equal to 16 MHz, output frequency of 32 MHz and R =
287
Ω, C
1 = 680 pF, C2 = 68 pF as loop filter.
Table 2. Power Consumption
Mode
Conditions
Consumption
Unit
Normal
Fetch in ARM mode out of internal SRAM
All peripheral clocks activated
6.55
mW/MHz
Fetch in ARM mode out of internal SRAM
All peripheral clocks deactivated
4.59
Idle
All peripheral clocks activated
3.85
All peripheral clocks deactivated
1.78
Table 3. Power Consumption per Peripheral
Peripheral
Consumption
Unit
PIO Controller
0.22
mW/MHz
Timer/Counter Channel
0.15
Timer/Counter Block (3 Channels)
0.42
USART
0.40
SPI
0.40
ADC
0.23
DAC
0.29
PLL (1) (2)
2.6
mW
Table 4. Battery Supply Voltage Consumption
Condition
Consumption
Unit
V
DDBU = 3.0 V Power consumption on the VDDBU Power Supply.
Without any capacitor connected to the RTC oscillator pins
(XIN32, XOUT32)
0.9
µA


Similar Part No. - AT91M55800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
1Mb / 227P
   AT91 ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
AT91M55800A-33AU ATMEL-AT91M55800A-33AU Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
AT91M55800A-33CJ ATMEL-AT91M55800A-33CJ Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91M55800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008 ATMEL-AT91R40008 Datasheet
209Kb / 18P
   AT91 ARM Thumb Microcontroller
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91R40008 ATMEL-AT91R40008_06 Datasheet
275Kb / 19P
   AT91 ARM Thumb-based Microcontroller
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com