Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M55800A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91M55800A
Description  AT91 ARM Thumb Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M55800A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91M55800A Datasheet HTML 1Page - ATMEL Corporation AT91M55800A Datasheet HTML 2Page - ATMEL Corporation AT91M55800A Datasheet HTML 3Page - ATMEL Corporation AT91M55800A Datasheet HTML 4Page - ATMEL Corporation AT91M55800A Datasheet HTML 5Page - ATMEL Corporation AT91M55800A Datasheet HTML 6Page - ATMEL Corporation AT91M55800A Datasheet HTML 7Page - ATMEL Corporation AT91M55800A Datasheet HTML 8Page - ATMEL Corporation AT91M55800A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
AT91M55800A
1727E–ATARM–01/04
Thermal and Reliability
Considerations
Thermal Data
In Table 5, the device lifetime is estimated with the MIL-217 standard in the “moderately
controlled” environmental model (this model is described as corresponding to an instal-
lation in a permanent rack with adequate cooling air), depending on the device Junction
Temperature. (For details see the section “Junction Temperature” on page 6.)
Note that the user must be extremely cautious with this MTBF calculation: as the MIL-
217 model is pessimistic with respect to observed values due to the way the data/mod-
els are obtained (test under severe conditions). The life test results that have been
measured are always better than the predicted ones.
Table 6 summarizes the thermal resistance data related to the package of interest.
Reliability Data
The number of gates and the device die size are provided for the user to calculate reli-
ability data with another standard and/or in another environmental model.
Table 5. MTBF Versus Junction Temperature
Junction Temperature (TJ) (°C)
Estimated Lifetime (MTBF) (Year)
100
25
125
14
150
8
175
5
Table 6. Thermal Resistance Data
Symbol
Parameter
Condition
Package
Typ
Unit
θ
JA
Junction-to-ambient thermal
resistance
Still Air
TQFP176
21
°C/
W
PBGA176
66
θ
JC
Junction-to-case thermal resistance
TQFP176
9.2
PBGA176
20.1
Table 7. Reliability Data
Parameter
Data
Unit
Number of Logic Gates
524
K gates
Number of Memory Gates
400
K gates
Device Die Size
29.0
mm2


Similar Part No. - AT91M55800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 227P
   ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
1Mb / 227P
   AT91 ARM Thumb Microcontrollers
AT91M55800A ATMEL-AT91M55800A Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
AT91M55800A-33AU ATMEL-AT91M55800A-33AU Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
AT91M55800A-33CJ ATMEL-AT91M55800A-33CJ Datasheet
3Mb / 256P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91M55800A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008 ATMEL-AT91R40008 Datasheet
209Kb / 18P
   AT91 ARM Thumb Microcontroller
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91R40008 ATMEL-AT91R40008_06 Datasheet
275Kb / 19P
   AT91 ARM Thumb-based Microcontroller
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com