Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508ASV-15QI100 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1508ASV-15QI100
Description  Highperformance EE PLD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASV-15QI100 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1508ASV-15QI100 Datasheet HTML 2Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 3Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 4Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 5Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 6Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 7Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 8Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 9Page - ATMEL Corporation ATF1508ASV-15QI100 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
ATF1508ASV(L)
1408H–PLD–7/05
Extra Feedback
The ATF15xxSE Family macrocell output can be selected as registered or combinato-
rial. The extra buried feedback signal can be either combinatorial or a registered signal
regardless of whether the output is combinatorial or registered. (This enhancement
function is automatically implemented by the fitter software.) Feedback of a buried com-
binatorial output allows the creation of a second latch within a macrocell.
I/O Control
The output enable multiplexer (MOE) controls the output enable signal. Each I/O can be
individually configured as an input, output or for bi-directional operation. The output
enable for each macrocell can be selected from the true or compliment of the two output
enable pins, a subset of the I/O pins, or a subset of the I/O macrocells. This selection is
automatically done by the fitter software when the I/O is configured as an input, all mac-
rocell resources are still available, including the buried feedback, expander and cascade
logic.
Global Bus/Switch Matrix
The global bus contains all input and I/O pin signals as well as the buried feedback sig-
nal from all 128 macrocells. The switch matrix in each logic block receives as its inputs
all signals from the global bus. Under software control, up to 40 of these signals can be
selected as inputs to the logic block.
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional
bus and is available to 16 macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The 16 foldback terms in each region allow generation of
high fan-in sum terms (up to 21 product terms) with little additional delay.
Open-collector Output Option
This option enables the device output to provide control signals such as an interrupt that
can be asserted by any of the several devices.


Similar Part No. - ATF1508ASV-15QI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508ASV-15QI100 ATMEL-ATF1508ASV-15QI100 Datasheet
519Kb / 22P
   Highperformance EE PLD
More results

Similar Description - ATF1508ASV-15QI100

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF1508AS ATMEL-ATF1508AS_05 Datasheet
717Kb / 31P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com