Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91RM9200 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91RM9200
Description  ARM920T-based Microcontroller
Download  689 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91RM9200 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91RM9200_06 Datasheet HTML 2Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 3Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 4Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 5Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 6Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 7Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 8Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 9Page - ATMEL Corporation AT91RM9200_06 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 689 page
background image
6
1768G–ATARM–29-Sep-06
AT91RM9200
EBI for NAND Flash/SmartMedia Support
SMCS
NAND Flash/SmartMedia Chip Select
Output
Low
SMOE
NAND Flash/SmartMedia Output Enable
Output
Low
SMWE
NAND Flash/SmartMedia Write Enable
Output
Low
SDRAM Controller
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
High
SDCS
SDRAM Controller Chip Select
Output
Low
BA0 - BA1
Bank Select
Output
SDWE
SDRAM Write Enable
Output
Low
RAS - CAS
Row and Column Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
Burst Flash Controller
BFCK
Burst Flash Clock
Output
BFCS
Burst Flash Chip Select
Output
Low
BFAVD
Burst Flash Address Valid
Output
Low
BFBAA
Burst Flash Address Advance
Output
Low
BFOE
Burst Flash Output Enable
Output
Low
BFRDY
Burst Flash Ready
Input
High
BFWE
Burst Flash Write Enable
Output
Low
Multimedia Card Interface
MCCK
Multimedia Card Clock
Output
MCCDA
Multimedia Card A Command
I/O
MCDA0 - MCDA3
Multimedia Card A Data
I/O
MCCDB
Multimedia Card B Command
I/O
MCDB0 - MCDB3
Multimedia Card B Data
I/O
USART
SCK0 - SCK3
Serial Clock
I/O
TXD0 - TXD3
Transmit Data
Output
RXD0 - RXD3
Receive Data
Input
RTS0 - RTS3
Ready To Send
Output
CTS0 - CTS3
Clear To Send
Input
DSR1
Data Set Ready
Input
DTR1
Data Terminal Ready
Output
DCD1
Data Carrier Detect
Input
RI1
Ring Indicator
Input
Table 3-1.
Signal Description by Peripheral
Pin Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91RM9200_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
More results

Similar Description - AT91RM9200_06

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91RM9200_0509 ATMEL-AT91RM9200_0509 Datasheet
669Kb / 38P
   ARM920T based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_09 Datasheet
9Mb / 701P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200 Datasheet
769Kb / 41P
   ARM920T-based Microcontroller
AT91RM9200 ATMEL-AT91RM9200_05 Datasheet
8Mb / 683P
   ARM920T based Microcontroller
AT91RM3400 ATMEL-AT91RM3400 Datasheet
6Mb / 461P
   ARM7TDMI??based Microcontroller
ATSAMD ATMEL-ATSAMD Datasheet
673Kb / 25P
   ARM-Based Microcontroller
AT91SAM7A1 ATMEL-AT91SAM7A1 Datasheet
133Kb / 14P
   ARM7TDMI BASED MICROCONTROLLER
AT91RM3400 ATMEL-AT91RM3400_05 Datasheet
53Kb / 8P
   ARM7TDMI짰-based Microcontroller
logo
Nuvoton Technology Corp...
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
   Nuvoton 8051-based Microcontroller
logo
ATMEL Corporation
SAM-D20E ATMEL-SAM-D20E_14 Datasheet
979Kb / 32P
   SMART ARM-Based Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com