Electronic Components Datasheet Search |
|
ATF1504ASV-15AI44 Datasheet(PDF) 9 Page - ATMEL Corporation |
|
ATF1504ASV-15AI44 Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 31 page 9 ATF1504ASV(L) 1409J–PLD–6/05 All power-down AC characteristic parameters are computed from external input or I/O pins, with reduced-power bit turned on. For macrocells in reduced-power mode (reduced-power bit turned on), the reduced-power adder, t RPA, must be added to the AC parameters, which include the data paths t LAD, tLAC, tIC, tACL, tACH and tSEXP. The ATF1504ASV(L) macrocell also has an option whereby the power can be reduced on a per macrocell basis. By enabling this power-down option, macrocells that are not used in an application can be turned down, thereby reducing the overall power con- sumption of the device. Each output also has individual slew rate control. This may be used to reduce system noise by slowing down outputs that do not need to operate at maximum speed. Outputs default to slow switching, and may be specified as fast switching in the design file. Design Software Support ATF1504ASV(L) designs are supported by several industry standard third party tools. Automated fitters allow logic synthesis using a variety of high-level description lan- guages and formats. Power-up Reset The ATF1504ASV is designed with a power-up reset, a feature critical for state machine initialization. At a point delayed slightly from V CC crossing VRST, all registers will be ini- tialized, and the state of each output will depend on the polarity of its buffer. However, due to the asynchronous nature of reset and uncertainty of how V CC actually rises in the system, the following conditions are required: 1. The V CC rise must be monotonic, 2. After reset occurs, all input and feedback setup times must be met before driving the clock pin high, and, 3. The clock must remain stable during T D. The ATF1504ASV has two options for the hysteresis about the reset level, V RST, Small and Large. To ensure a robust operating environment in applications where the device is operated near 3.0V, Atmel recommends that during the fitting process users configure the device with the Power-up Reset hysteresis set to Large. For conversions, Atmel POF2JED users should include the flag “-power_reset” on the command line after “file- name.POF”. To allow the registers to be properly reinitialized with the Large hysteresis option selected, the following condition is added: 4. If V CC falls below 2.0V, it must shut off completely before the device is turned on again. When the Large hysteresis option is active, I CC is reduced by several hundred micro- amps as well. Security Fuse Usage A single fuse is provided to prevent unauthorized copying of the ATF1504ASV(L) fuse patterns. Once programmed, fuse verify is inhibited. However, the 16-bit User Signature remains accessible. |
Similar Part No. - ATF1504ASV-15AI44 |
|
Similar Description - ATF1504ASV-15AI44 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |