Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1504ASV-15AI44 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATF1504ASV-15AI44
Description  Low-voltage, Complex Programmable Logic Device
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASV-15AI44 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATF1504ASV-15AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 9Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 10Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 11Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 12Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 13Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 14Page - ATMEL Corporation ATF1504ASV-15AI44 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
ATF1504ASV(L)
1409J–PLD–6/05
Notes:
1. Not more than one output at a time should be shorted. Duration of short circuit test should not exceed 30 sec.
2. When microcell reduced-power feature is enabled.
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pF.
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient))
0
°C - 70°C-40°C - 85°C
V
CC (3.3V) Power Supply
3.0V - 3.6V
3.0V - 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
IL
Input or I/O Low
Leakage Current
V
IN = VCC
-2
-10
µA
I
IH
Input or I/O High
Leakage Current
210
I
OZ
Tri-State Output
Off-State Current
V
O = VCC or GND
-40
40
µA
I
CC1
Power Supply Current,
Standby
V
CC = Max
V
IN = 0, VCC
Std Mode
Com.
60
mA
Ind.
75
mA
“L” Mode
Com.
5
µA
Ind.
5
µA
I
CC2
Power Supply Current,
Power-down Mode
V
CC = Max
V
IN = 0, VCC
“PD” Mode
0.1
5
mA
I
CC3
(2)
Reduced-power Mode
Supply Current, Standby
V
CC = Max
V
IN = 0, VCC
Std Power
Com
40
ma
Ind
55
V
IL
Input Low Voltage
-0.3
0.8
V
V
IH
Input High Voltage
1.7
V
CCIO + 0.3
V
V
OL
Output Low Voltage (TTL)
V
IN = VIH or VIL
V
CCIO = Min, IOL = 8 mA
Com.
0.45
V
Ind.
0.45
Output Low Voltage (CMOS)
V
IN = VIH or VIL
V
CC = Min, IOL = 0.1 mA
Com.
0.2
V
Ind.
0.2
V
V
OH
Output High Voltage
- 3.3V (TTL)
V
IN = VIH or VIL
V
CCIO = Min, IOH = -2.0 mA
2.4
V
Output High Voltage
- 3.3V (CMOS)
V
IN = VIH or VIL
V
CCIO = Min, IOH = -0.1 mA
V
CCIO - 0.2
V
Pin Capacitance
Typ
Max
Units
Conditions
C
IN
8pF
V
IN = 0V; f = 1.0 MHz
C
I/O
8pF
V
OUT = 0V; f = 1.0 MHz


Similar Part No. - ATF1504ASV-15AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV-15AI44 ATMEL-ATF1504ASV-15AI44 Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASV-15AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com