Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASL-25JI44 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATF1502ASL-25JI44
Description  Highperformance EEPROM CPLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASL-25JI44 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATF1502ASL-25JI44 Datasheet HTML 4Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 5Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 6Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 7Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 8Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 9Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 10Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 11Page - ATMEL Corporation ATF1502ASL-25JI44 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
ATF1502AS(L)
0995K–PLD–6/05
Atmel provides ISP hardware and software to allow programming of the ATF1502AS via the
PC. ISP is performed by using either a download cable, a comparable board tester or a simple
microprocessor interface.
When using the ISP hardware or software to program the ATF1502AS devices, four I/O pins
must be reserved for the JTAG interface. However, the logic features that the macrocells have
associated with these I/O pins are still available to the design for burned logic functions.
To facilitate ISP programming by the Automated Test Equipment (ATE) vendors, Serial Vector
Format (SVF) files can be created by Atmel-provided software utilities.
ATF1502AS devices can also be programmed using standard third-party programmers. With a
third-party programmer, the JTAG ISP port can be disabled, thereby allowing four additional
I/O pins to be used for logic.
Contact your local Atmel representatives or Atmel PLD applications for details.
ISP
Programming
Protection
The ATF1502AS has a special feature that locks the device and prevents the inputs and I/O
from driving if the programming process is interrupted for any reason. The inputs and I/O
default to high-Z state during such a condition. In addition, the pin-keeper option preserves the
previous state of the input and I/O PMS during programming.
All ATF1502AS devices are initially shipped in the erased state, thereby making them ready to
use for ISP.
Note:
For more information refer to the “Designing for In-System Programmability with Atmel CPLDs”
application note.
JTAG-BST/ISP
Overview
The JTAG boundary-scan testing is controlled by the Test Access Port (TAP) controller in the
ATF1502AS. The boundary-scan technique involves the inclusion of a shift-register stage
(contained in a boundary-scan cell) adjacent to each component so that signals at component
boundaries can be controlled and observed using scan testing methods. Each input pin and
I/O pin has its own boundary-scan cell (BSC) to support boundary-scan testing. The
ATF1502AS does not include a Test Reset (TRST) input pin because the TAP controller is
automatically reset at power-up. T he five JT AG modes suppo rt ed include:
SAMPLE/PRELOAD, EXTEST, BYPASS, IDCODE and HIGHZ. The ATF1502AS’s ISP can
be fully described using JTAG’s BSDL as described in IEEE Standard 1149.1b. This allows
ATF1502AS programming to be described and implemented using any one of the third-party
development tools supporting this standard.
The ATF1502AS has the option of using four JTAG-standard I/O pins for boundary-scan test-
ing (BST) and in-system programming (ISP) purposes. The ATF1502AS is programmable
through the four JTAG pins using the IEEE standard JTAG programming protocol established
by IEEE Standard 1149.1 using 5V TTL-level programming signals from the ISP interface for
in-system programming. The JTAG feature is a programmable option. If JTAG (BST or ISP) is
not needed, then the four JTAG control pins are available as I/O pins.


Similar Part No. - ATF1502ASL-25JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASL-25JI44 ATMEL-ATF1502ASL-25JI44 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
More results

Similar Description - ATF1502ASL-25JI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com