Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502AS-10JU44 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1502AS-10JU44
Description  Highperformance EEPROM CPLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS-10JU44 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1502AS-10JU44 Datasheet HTML 3Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 4Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 5Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 6Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 7Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 8Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 9Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 10Page - ATMEL Corporation ATF1502AS-10JU44 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
ATF1502AS(L)
0995K–PLD–6/05
All pin transitions are ignored until the PD pin is brought low. When the power-down feature is
enabled, the PD1 or PD2 pin cannot be used as a logic input or output. However, the pin’s
macrocell may still be used to generate buried foldback and cascade logic signals.
All power-down AC characteristic parameters are computed from external input or I/O pins,
with reduced-power bit turned on. For macrocells in reduced-power mode (reduced-power bit
turned on), the reduced-power adder, t
RPA, must be added to the AC parameters, which
include the data paths t
LAD, tLAC, tIC, tACL, tACH and tSEXP.
The ATF1502AS macrocell also has an option whereby the power can be reduced on a per-
macrocell basis. By enabling this power-down option, macrocells that are not used in an appli-
cation can be turned down, thereby reducing the overall power consumption of the device.
Each output also has individual slew rate control. This may be used to reduce system noise by
slowing down outputs that do not need to operate at maximum speed. Outputs default to slow
switching, and may be specified as fast switching in the design file.
Design
Software
Support
ATF1502AS designs are supported by several third-party tools. Automated fitters allow logic
synthesis using a variety of high-level description languages and formats.
Power-up Reset
The ATF1502AS is designed with a power-up reset, a feature critical for state machine initial-
ization. At a point delayed slightly from V
CC crossing VRST, all registers will be initialized, and
the state of each output will depend on the polarity of its buffer. However, due to the asynchro-
nous nature of reset and uncertainty of how V
CC actually rises in the system, the following
conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin high, and,
3.
The clock must remain stable during T
D.
The ATF1502AS has two options for the hysteresis about the reset level, V
RST, Small and
Large. During the fitting process users may configure the device with the Power-up Reset hys-
teresis set to Large or Small. Atmel POF2JED users may select the Large option by including
the flag “-power_reset” on the command line after “filename.POF”. To allow the registers to be
properly reinitialized with the Large hysteresis option selected, the following condition is
added:
4.
If V
CC falls below 2.0V, it must shut off completely before the device is turned on again.
When the Large hysteresis option is active, I
CC is reduced by several hundred microamps as
well.
Security Fuse
Usage
A single fuse is provided to prevent unauthorized copying of the ATF1502AS fuse patterns.
Once programmed, fuse verify is inhibited. However, the 16-bit User Signature remains
accessible.
Programming
ATF1502AS devices are in-system programmable (ISP) devices utilizing the 4-pin JTAG pro-
tocol. This capability eliminates package handling normally required for programming and
facilitates rapid design iterations and field changes.


Similar Part No. - ATF1502AS-10JU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS-10JC44 ATMEL-ATF1502AS-10JC44 Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502AS-10JC444 ATMEL-ATF1502AS-10JC444 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
ATF1502AS-10JI44 ATMEL-ATF1502AS-10JI44 Datasheet
344Kb / 18P
   High Performance E2PROM CPLD
ATF1502AS-10JI44 ATMEL-ATF1502AS-10JI44 Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
More results

Similar Description - ATF1502AS-10JU44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
   Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
   Highperformance EEPROM CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
   Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
   Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
   Highperformance CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
   Highperformance CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
   High-performance EEPROM CPLD
logo
Cypress Semiconductor
CY3LV512 CYPRESS-CY3LV512 Datasheet
182Kb / 9P
   512K / 1 Mbit CPLD Boot EEPROM
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
   Highperformance EPLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com