Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS-7JX84 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1508AS-7JX84
Description  Highperformance EE PLD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS-7JX84 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1508AS-7JX84 Datasheet HTML 1Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 2Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 3Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 4Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 5Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 6Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 7Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 8Page - ATMEL Corporation ATF1508AS-7JX84 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
ATF1508AS(L)
0784P–PLD–7/05
Flip-flop
The ATF1508AS’s flip-flop has very flexible data and control functions. The data input can
come from either the XOR gate, from a separate product term or directly from the I/O pin.
Selecting the separate product term allows creation of a buried registered feedback within a
combinatorial output macrocell. (This feature is automatically implemented by the fitter soft-
ware). In addition to D, T, JK and SR operation, the flip-flop can also be configured as a flow-
through latch. In this mode, data passes through when the clock is high and is latched when
the clock is low.
The clock itself can be either the Global CLK Signal (GCK) or an individual product term. The
flip-flop changes state on the clock’s rising edge. When the GCK signal is used as the clock,
one of the macrocell product terms can be selected as a clock enable. When the clock enable
function is active and the enable signal (product term) is low, all clock edges are ignored. The
flip-flop’s asynchronous reset signal (AR) can be either the Global Clear (GCLEAR), a product
term, or always off. AR can also be a logic OR of GCLEAR with a product term. The asynchro-
nous preset (AP) can be a product term or always off.
Extra Feedback
The ATF15xxSE Family macrocell output can be selected as registered or combinatorial. The
extra buried feedback signal can be either combinatorial or a registered signal regardless of
whether the output is combinatorial or registered. (This enhancement function is automatically
implemented by the fitter software.) Feedback of a buried combinatorial output allows the cre-
ation of a second latch within a macrocell.
I/O Control
The output enable multiplexer (MOE) controls the output enable signal. Each I/O can be indi-
vidually configured as an input, output or for bi-directional operation. The output enable for
each macrocell can be selected from the true or compliment of the two output enable pins, a
subset of the I/O pins, or a subset of the I/O macrocells. This selection is automatically done
by the fitter software when the I/O is configured as an input, all macrocell resources are still
available, including the buried feedback, expander and cascade logic.
Global Bus/Switch
Matrix
The global bus contains all input and I/O pin signals as well as the buried feedback signal from
all 128 macrocells. The switch matrix in each logic block receives as its inputs all signals from
the global bus. Under software control, up to 40 of these signals can be selected as inputs to
the logic block.
Foldback Bus
Each macrocell also generates a foldback product term. This signal goes to the regional bus
and is available to 16 macrocells. The foldback is an inverse polarity of one of the macrocell’s
product terms. The 16 foldback terms in each region allows generation of high fan-in sum
terms (up to 21 product terms) with a little additional delay.
3.3V or 5.0V I/O
Operation
The ATF1508AS device has two sets of V
CC pins viz, VCCINT and VCCIO. VCCINT pins must
always be connected to a 5.0V power supply. V
CCINT pins are for input buffers and are “com-
patible” with both 3.3V and 5.0V inputs. V
CCIO pins are for I/O output drives and can be
connected for 3.3/5.0V power supply.
Open-collector
Output Option
This option enables the device output to provide control signals such as an interrupt that can
be asserted by any of the several devices.


Similar Part No. - ATF1508AS-7JX84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS-7JC84 ATMEL-ATF1508AS-7JC84 Datasheet
393Kb / 22P
   High Performance E2 PLD
More results

Similar Description - ATF1508AS-7JX84

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
   Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
   Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
   Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
   Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
   Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
   Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
   Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
   Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
   Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com