Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94S05AL-25BQC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT94S05AL-25BQC
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S05AL-25BQC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT94S05AL-25BQC Datasheet HTML 2Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 3Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 4Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 5Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 6Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 7Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 8Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 9Page - ATMEL Corporation AT94S05AL-25BQC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
2314E–FPSLI–6/05
AT94S Secure Family
4.5
Acknowledge Bit
The Acknowledge (ACK) Bit shown in Figure 4-1 is provided by the Configurator receiving the
byte. The receiving Configurator can accept the byte by asserting a Low value on the cSDA line,
or it can refuse the byte by asserting (allowing the signal to be externally pulled up to) a High
value on the cSDA line. All bytes from accepted messages must be terminated by either an
Acknowledge Bit or a Stop Condition. Following an ACK Bit, when the cSDA line is released dur-
ing an exchange of control between the Configurator and the programmer, the cSDA line may
be pulled High temporarily due to the open-collector output nature of the line. Control of the line
must resume before the next rising edge of the clock.
4.6
Bit Ordering Protocol
The most significant bit is the first bit of a byte transmitted on the cSDA line for the Device
Address Byte and the EEPROM Address Bytes. It is followed by the lesser significant bits until
the eighth bit, the least significant bit, is transmitted. However, for Data Bytes (both writing and
reading), the first bit transmitted is the least significant bit. This protocol is shown in the diagrams
below.
4.7
Device Address Byte
The contents of the Device Address Byte are shown below, along with the order in which the bits
are clocked into the device.
The CE pin cannot be used for device selection in programming mode (i.e., when SER_EN is
drive Low).
Figure 4-1.
Start and Stop Conditions
Where:R/W=1 Read
= 0 Write
8th Bit
STOP
Condition
Byte n
cSCK
cSDA
START
Condition
tWR
ACK BIT
Table 4-1.
Device Address Byte
MSB
LSB
1010011
R/W
1st
2nd
3rd
4th
5th
6th
7th
8th


Similar Part No. - AT94S05AL-25BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S05AL-25DGC ATMEL-AT94S05AL-25DGC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGC ATMEL-AT94S05AL-25DGC Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGI ATMEL-AT94S05AL-25DGI Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGI ATMEL-AT94S05AL-25DGI Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S05AL-25BQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com