Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94S05AL-25BQI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT94S05AL-25BQI
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S05AL-25BQI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT94S05AL-25BQI Datasheet HTML 1Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 2Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 3Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 4Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 5Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 6Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 7Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 8Page - ATMEL Corporation AT94S05AL-25BQI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
2314E–FPSLI–6/05
AT94S Secure Family
2.
Internal Architecture
For details of the AT94S Secure FPSLIC architecture, please refer to the AT94K FPSLIC
datasheet and the AT17 Series Configuration Memory datasheet, available on the Atmel web
site at http://www.atmel.com. This document only describes the differences between the AT94S
Secure FPSLIC and the AT94K FPSLIC.
3.
FPSLIC and Configurator Interface
• Fully In-System Programmable and Re-programmable
• When Security Bit Set:
– Data Verification Disabled
– Data Transfer to FPSLIC not Externally Visible
– Secured EEPROM Will Only Boot the FPSLIC Device or Respond to a Chip Erase
• When Security Bit Cleared:
– Entire Chip Erase Performed
– In-System Programming Enabled
– Data Verification Enabled
External Data pins allow for In-System Programming of the device and setting of the EEPROM-
based security bit. When the security bit is set (active) this programming connection will only
respond to a device erase command. Data cannot be read out of the external programming/data
pins when the security bit is set. The part can be re-programmed, but only after first being
erased.
4.
Programming and Configuration Timing Characteristics
Atmel’s Configurator Programming Software (CPS), available from the Atmel web site
(http://www.atmel.com/dyn/products/tools_card.asp?tool_id=3191), creates the programming
algorithm for the embedded configurator; however, if you are planning to write your own soft-
ware or use other means to program the embedded configurator, the section below includes the
algorithm and other details.
4.1
The FPSLIC Configurator
The FPSLIC Configurator is a serial EEPROM memory which is used to load programmable
devices. This document describes the features needed to program the Configurator from within
its programming mode (i.e., when SER_EN is driven Low).
Reference schematics are supplied for ISP applications.
4.2
Serial Bus Overview
The serial bus is a two-wire bus; one wire (cSCK) functions as a clock and is provided by the
programmer, the second wire (cSDA) is a bi-directional signal and is used to provide data and
control information.
Information is transmitted on the serial bus in messages. Each MESSAGE is preceded by a
Start Condition and ends with a Stop Condition. The message consists of an integer number of
bytes, each byte consisting of 8 bits of data, followed by a ninth Acknowledge Bit. This Acknowl-
edge Bit is provided by the recipient of the transmitted byte. This is possible because devices


Similar Part No. - AT94S05AL-25BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94S05AL-25DGC ATMEL-AT94S05AL-25DGC Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGC ATMEL-AT94S05AL-25DGC Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGI ATMEL-AT94S05AL-25DGI Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S05AL-25DGI ATMEL-AT94S05AL-25DGI Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
More results

Similar Description - AT94S05AL-25BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94K ATMEL-AT94K Datasheet
1Mb / 192P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Integrated Silicon Solu...
89C52 ISSI-89C52 Datasheet
425Kb / 50P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
logo
STMicroelectronics
ST31P320 STMICROELECTRONICS-ST31P320 Datasheet
380Kb / 4P
   Secure dual interface microcontroller with enhanced security and up to 450 Kbytes of Flash memory
Rev 4 - January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com