Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT17LV65-10PC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT17LV65-10PC
Description  FPGA Configuration EEPROM Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV65-10PC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT17LV65-10PC Datasheet HTML 5Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 6Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 7Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 8Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 9Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 10Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 11Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 12Page - ATMEL Corporation AT17LV65-10PC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
2321I–CNFG–2/08
AT17LV65/128/256/512/010/002/040
7.
Cascading Serial Configuration EEPROMs
For multiple FPGAs configured as a daisy-chain, or for FPGAs requiring larger configuration
memories, cascaded configurators provide additional memory.
After the last bit from the first configurator is read, the clock signal to the configurator asserts its
CEO output Low and disables its DATA line driver. The second configurator recognizes the Low
level on its CE input and enables its DATA output.
After configuration is complete, the address counters of all cascaded configurators are reset if
the RESET/OE on each configurator is driven to its active (Low) level.
If the address counters are not to be reset upon completion, then the RESET/OE input can be
tied to its inactive (High) level.
The AT17LV65 devices do not have the CEO feature to perform cascaded configurations.
8.
AT17LV Series Reset Polarity
The AT17LV series configurator allows the user to program the reset polarity as either
RESET/OE or RESET/OE. This feature is supported by industry-standard programmer
algorithms.
9.
Programming Mode
The programming mode is entered by bringing SER_EN Low. In this mode the chip can be pro-
grammed by the Two-Wire serial bus. The programming is done at V
CC supply only.
Programming super voltages are generated inside the chip.
10. Standby Mode
The AT17LV series configurators enter a low-power standby mode whenever CE is asserted
High. In this mode, the AT17LV65/128/256 configurator consumes less than 50 µA of current at
3.3V (100 µA for the AT17LV512/010 and 200 µA for the AT17LV002/040). The output remains
in a high-impedance state regardless of the state of the OE input.


Similar Part No. - AT17LV65-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65-10PC ATMEL-AT17LV65-10PC Datasheet
149Kb / 10P
   FPGA Configuration E2PROM
AT17LV65-10PC ATMEL-AT17LV65-10PC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV65-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17C020 ATMEL-AT17C020 Datasheet
218Kb / 12P
   2-megabit FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com